công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PE-1BA-R2/Q

  • AI
    ## Technical Overview: W2PE-1BA-R2/Q The **W2PE-1BA-R2/Q** belongs to a specialized series of industrial-grade networking components, typically associated with **Advantech’s** wireless solutions (such as the AIW series or specific carrier boards). These parts are designed for embedded systems requiring robust wireless connectivity. --- ### 1. Key Technical Specifications Based on the nomenclature, this part is generally an **M.2 (NGFF) Wireless Module** or a related adapter/carrier board designed for industrial IoT applications. | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 (Next Generation Form Factor) | | **Interface** | PCIe / USB (depending on the specific chipset integration) | | **Wireless Protocol** | Typically supports Wi-Fi (802.11 ac/ax) and Bluetooth (5.x) | | **Operating Temp** | Industrial Grade (-20°C to +70°C or wider) | | **Antenna Ports** | Usually 2x IPEX/MHF4 connectors | --- ### 2. Core Electronic Components The internal circuitry of this module typically includes the following critical electronic sections: #### A. The Main Chipset (SoC) The "brain" of the module, often a **Realtek** or **Qualcomm** silicon chip, which handles the Baseband processing and the MAC (Media Access Control) layers for both Wi-Fi and Bluetooth. #### B. RF Front-End (RFE) * **Power Amplifiers (PA):** Boosts the signal for transmission to reach the required range. * **Low Noise Amplifiers (LNA):** Sensitive components that amplify weak incoming signals from the antenna while minimizing noise. * **Diplexers/Switches:** Manage the path between 2.4GHz and 5GHz frequencies. #### C. Power Management Unit (PMU) Because M.2 slots provide 3.3V, the module contains internal **LDO (Low-Dropout)** regulators and DC-DC converters to step down voltages for the core logic (often 1.1V or 1.8V). --- ### 3. Pinout and Connectivity The "W2PE" designation often refers to the **PCIe interface** mapping. ```markdown Pin Assignment (Typical M.2 A+E Key): - Pins 1-75: Interface power, PCIe lanes (TX/RX), USB 2.0 (for Bluetooth), and sideband signals like W_DISABLE (Airplane mode). ``` --- ### 4. Typical Applications * **Industrial PCs:** Adding wireless capabilities to fanless controllers. * **Digital Signage:** Providing remote content updates via Wi-Fi. * **Medical Equipment:** Reliable data transmission in interference-heavy environments.
    ✨ Follow-up Questions
    • ⤷ What is the specific Wi-Fi standard supported by this model (e.g.
    • ⤷ Wi-Fi 5 vs Wi-Fi 6)?
    • ⤷ Does this module require specific proprietary drivers for Linux or Windows?
    • ⤷ What is the physical dimensions and key type (A
    • ⤷ E
    • ⤷ or B+M) for this part?