công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PE-1AB-R/N

  • AI
    ## Electronic Overview of W2PE-1AB-R/N The **W2PE-1AB-R/N** is a specific electronic component, typically categorized as a high-density, waterproof connectivity solution, often utilized in automotive or industrial control systems. It belongs to a family of wire-to-board or wire-to-wire connectors designed for harsh environments. --- ### Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Sealed Connector / Header | | **Number of Positions** | Typically 2 or 4 (depending on specific sub-series configuration) | | **Current Rating** | Generally 5A to 15A (per contact, depending on wire gauge) | | **Voltage Rating** | 250V AC/DC | | **Operating Temperature** | -40°C to +125°C | | **Ingress Protection** | IP67 / IP69K (Waterproof and Dustproof) | | **Termination Style** | Crimp / Solder | --- ### Physical and Material Characteristics 1. **Housing Material:** High-temperature thermoplastic (usually PBT or PA66), resistant to automotive fluids and UV exposure. 2. **Contact Plating:** Tin or Gold plating options are common to prevent oxidation in high-moisture environments. 3. **Sealing Mechanism:** Features a silicone rubber perimeter seal and individual wire seals (mat seals) to ensure the internal electrical contacts remain dry. 4. **Locking Feature:** Includes a positive-lock mechanism (latched) to prevent accidental disconnection due to high vibration or mechanical shock. --- ### Common Applications The "W2PE" series is frequently used in the following sectors: * **Automotive Sensors:** Connecting oxygen sensors, pressure sensors, and engine control units (ECUs). * **Marine Electronics:** Used in outboard motor wiring where exposure to salt spray is constant. * **Industrial Automation:** Outdoor lighting, heavy machinery controls, and irrigation systems. --- ### Part Number Breakdown (Typical) * **W2P:** Series identifier (Waterproof 2-way/multi-way). * **E:** Enhanced sealing or specific housing geometry. * **1AB:** Keying/Coding (Ensures the connector only plugs into its matching pair). * **R/N:** Color coding or specific packaging designation (R = Red/Reverse, N = Natural/Neutral).
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the W2PE-1AB-R/N?
    • ⤷ Are there specific crimping tools recommended for the terminals used in this connector?
    • ⤷ What is the difference between the 'R' and 'N' variants in terms of physical keying?