W2PE-11B-R/N
AI

The **W2PE-11B-R/N** is a specific type of industrial pushbutton switch, typically belonging to the high-reliability command and signaling device category. These are commonly used in control panels, automation systems, and machinery.
Below is the breakdown of its electronic and mechanical parts.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Pushbutton Switch |
| **Mounting Diameter** | Usually 22mm or 25mm (Standard Industrial) |
| **Contact Configuration** | 1 NO (Normally Open) or 1 NC (Normally Closed) depending on block |
| **Action Type** | Momentary (Spring Return) |
| **Illumination** | Non-Illuminated (standard for -R/N series) |
| **Operator Shape** | Extended / Flush Round |
| **Current/Voltage Rating** | Typically 10A at 240VAC (AC-15) |
---
### 2. Breakdown of Parts
#### A. The Operator (The Head)
This is the visible part on the outside of the control panel.
* **W2PE Identification:** Refers to the series design (often ergonomic plastic or metal bezel).
* **Color (-R/N):**
* **R** usually stands for **Red**.
* **N** often indicates a specific variant (like "Normal" or a specific material coating).
* **Mechanical Spring:** A high-tension spring located inside the head to ensure the button returns to its original position after being pressed.
#### B. The Contact Block
This is the electronic heart of the switch located behind the panel.
* **Terminals:** Screw-type terminals for securing electrical wires.
* **Plunger:** A plastic rod that moves down when the button is pressed to bridge the electrical gap.
* **Contacts:** Made of silver alloy to prevent oxidation and ensure high conductivity over thousands of cycles.
#### C. The Mounting Collar (Bracket)
* **Locking Nut:** A threaded ring that secures the operator head to the panel.
* **Anti-Rotation Tab:** A small notch that prevents the switch from spinning when operated.
---
### 3. Connection Logic
The W2PE-11B-R/N is typically used in a **Control Circuit**. Because it is a momentary switch, it is often paired with a **Contactor** or a **Relay** in a "Latching Circuit" (Start/Stop logic).
```mermaid
graph LR
A[Power Source] --> B[W2PE Switch]
B --> C[Relay Coil]
C --> D[Ground/Neutral]
```
---
- ⤷
What is the exact IP rating for the W2PE-11B-R/N regarding water and dust resistance?
- ⤷ Can the contact blocks be stacked or replaced with different configurations?
- ⤷ Is this switch compatible with 24V DC PLC inputs?