công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PE-11A-R

  • AI
    The **W2PE-11A-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, industrial controls, and interface panels to provide momentary tactile feedback to a user. --- ### 1. Key Technical Specifications Below are the typical technical parameters for the W2PE-11A-R series: | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuator Style** | Standard Button / Stem | | **Operating Force** | Usually 160gf to 250gf (varies by sub-model) | | **Contact Rating** | 50mA @ 12V DC (Standard) | | **Travel Distance** | ~0.25mm | | **Operating Life** | 100,000 to 500,000 Cycles | --- ### 2. Physical Characteristics The "W2PE" designation often refers to a specific footprint and packaging style. * **Miniature Footprint:** Designed for high-density PCB layouts where space is limited. * **Sealed Design:** Many switches in this category are designed to be dust-resistant to ensure long-term contact reliability. * **Terminals:** Usually features "Gull-wing" or "J-bend" leads for easy automated SMT soldering. * **Tape and Reel (The "-R" Suffix):** The "R" in the part number typically signifies that the parts are supplied on a **Reel** for use with automated pick-and-place machines. --- ### 3. Internal Components and Construction A tactile switch like the W2PE-11A-R consists of several internal layers: 1. **Cover:** A metal or plastic plate that protects the internal mechanism. 2. **Actuator:** The physical button that the user presses. 3. **Contact Dome:** A circular or cross-shaped metal disc (usually stainless steel or phosphor bronze). When pressed, it snaps down to complete the circuit and provides the "click" sound/feel. 4. **Base:** A heat-resistant thermoplastic housing that holds the terminals. 5. **Terminals:** Conductive pins that are soldered to the circuit board. --- ### 4. Typical Applications * **Consumer Electronics:** Power buttons on smartphones, volume rockers, or camera shutters. * **Computing:** Mouse buttons, reset switches on motherboards, or peripheral controls. * **Automotive:** Dashboard buttons, steering wheel controls, and key fobs. * **Industrial:** Interface panels for CNC machines or handheld diagnostic tools. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions of the W2PE-11A-R?
    • ⤷ Can this switch be used in high-moisture environments?
    • ⤷ What is the recommended reflow soldering profile for this SMD component?