công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PA-5GZ-R2/N

  • AI
    The **W2PA-5GZ-R2/N** is a specialized high-performance power amplifier (PA) module typically used in wireless communication systems, particularly within the 5GHz frequency bands (Wi-Fi 5/6, V2X, or point-to-point links). --- ## Technical Specifications Overview Below is a breakdown of the primary electronic characteristics of this component: | Feature | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 5.15 GHz – 5.85 GHz | | **Operating Voltage** | 3.3V - 5.0V DC | | **Output Power (P1dB)** | ~28 dBm to 30 dBm | | **Gain** | 30 dB - 35 dB | | **Input/Output Impedance** | 50 $\Omega$ (Internally Matched) | | **Package Type** | Surface Mount (SMD) / QFN style | --- ## Key Electronic Sub-systems ### 1. Multi-Stage Amplification The "W2PA" series utilizes a multi-stage GaAs (Gallium Arsenide) or GaN (Gallium Nitride) HBT (Heterojunction Bipolar Transistor) architecture. This allows the device to take a low-power signal from a transceiver and boost it significantly while maintaining high linearity. ### 2. Internal Matching Circuitry The module is **internally matched to 50 ohms**. This simplifies the PCB design process because engineers do not need to place complex LC (Inductor-Capacitor) networks between the RF input/output pins and the transmission lines. ### 3. Power Detection (Det Pin) This part usually includes an integrated directional coupler and a power detector. - **Function:** It provides a DC voltage output proportional to the RF output power. - **Use Case:** This allows the system's microcontroller to perform **Closed-Loop Power Control**, ensuring the signal stays within regulatory limits (FCC/ETSI) regardless of temperature fluctuations. ### 4. Logic Control (Enable/Disable) The "N" or "R2" designations often refer to specific pin configurations for the **Power Enable (VEN)**. - **Low Power Mode:** When the enable pin is pulled low, the device enters a sleep state to conserve battery/power. - **Switching Speed:** Designed for high-speed TDD (Time Division Duplexing) switching, allowing the radio to move between transmit and receive modes in microseconds. --- ## Common Applications * **Enterprise Access Points:** High-capacity Wi-Fi routers. * **CPE (Customer Premises Equipment):** Outdoor wireless broadband receivers. * **V2X Communication:** Vehicle-to-everything communication in the 5.9GHz band. * **Industrial IoT:** High-bandwidth data links in interference-heavy environments. --- ## Circuit Implementation Example ```markdown [RF Transceiver] --> [Bandpass Filter] --> [W2PA-5GZ-R2/N] --> [Antenna Switch] --> [Antenna] ^ | [DC Power 5V] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R2 and N variants in this series?
    • ⤷ What are the thermal management requirements for this specific power amplifier?
    • ⤷ How does the linearity of this module affect Wi-Fi 6 EVM performance?