W2PA-5CD-R/CE
AI

The **W2PA-5CD-R/CE** is a specialized electronic component, typically categorized as a **Wireless LAN (Wi-Fi) Module**. These modules are designed for integration into consumer electronics, office equipment, and industrial devices to provide wireless connectivity.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical profile for this series of modules:
| Feature | Specification |
| :--- | :--- |
| **Connectivity** | IEEE 802.11b/g/n (Wi-Fi) |
| **Frequency Band** | 2.4 GHz |
| **Interface Type** | USB 2.0 (High Speed) |
| **Supply Voltage** | 3.3V DC (Typical) |
| **Form Factor** | Compact Surface Mount (SMD) or Pin-header |
| **Certification** | CE (European Conformity), RoHS |
---
### 2. Key Electronic Components
The "Electronic Parts" within the module assembly usually consist of the following:
#### A. Main Chipset (SoC)
The heart of the module is usually a **Realtek** or **MediaTek** wireless controller. This chip handles the MAC (Media Access Control), Baseband, and Radio functions.
#### B. RF Front End
* **Antenna Terminal:** Often features a PCB trace antenna or a U.FL connector for an external antenna.
* **Filters:** Band-pass filters to reduce interference from other 2.4GHz devices (like Bluetooth).
#### C. Power Management
* **LDO Regulators:** Low-Dropout regulators ensure the chipset receives a stable voltage, protecting the sensitive RF circuits from power fluctuations.
#### D. Clocking
* **Crystal Oscillator:** Provides the precise timing (usually 20MHz or 40MHz) required for radio frequency synthesis and data processing.
---
### 3. Application Use Cases
Because of the **CE** marking and its specific interface, it is commonly found in:
1. **Smart TVs/Projectors:** Providing internet access for streaming.
2. **Printers/Scanners:** Enabling wireless printing and scanning.
3. **Industrial PCs:** Adding networking capabilities to legacy hardware.
4. **Set-Top Boxes:** Connectivity for OTT (Over-the-Top) services.
---
### 4. Integration Considerations
```c
// Typical Driver/Firmware requirement
// The W2PA series often relies on the RTL8188 or RTL8192 chipset family.
// On Linux systems, the kernel module is usually:
modprobe rtl8188eu
```
---
- ⤷
Which chipset is specifically used in the W2PA-5CD-R/CE version?
- ⤷ What is the physical pinout configuration for this module?
- ⤷ Are there specific driver requirements for Windows 11?