W2PA-5BA-R/CE
AI

The **W2PA-5BA-R/CE** is a specialized electronic component, typically categorized as a high-frequency **RF (Radio Frequency) Attenuator** or a specific **Coaxial Adapter** with integrated attenuation properties, often used in telecommunications and test environments.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This part is designed to reduce the power of a signal without significantly distorting its waveform. The suffix code "5BA" generally denotes its attenuation value and frequency range.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fixed Coaxial Attenuator |
| **Impedance** | 50 Ohms (Standard) |
| **Connector Type** | SMA (Male/Female configuration) |
| **Attenuation Value** | 5 dB (indicated by "5B") |
| **Frequency Range** | DC to 12.4 GHz or 18 GHz (depending on series) |
| **Power Rating** | Typically 2 Watts (Average) |
---
### 2. Key Electronic Components & Materials
To maintain signal integrity at microwave frequencies, the internal construction follows precise physical layouts:
* **Resistive Element:** Uses a Thin Film or Thick Film resistor on a ceramic substrate (usually Alumina or Beryllium Oxide) to dissipate energy as heat.
* **Body Material:** Stainless steel or gold-plated brass to ensure low insertion loss and high durability.
* **Dielectric:** PTFE (Teflon) is commonly used to maintain a constant 50-ohm characteristic impedance.
---
### 3. Performance Parameters
When analyzing the W2PA series in an electronic circuit, the following metrics are critical:
#### VSWR (Voltage Standing Wave Ratio)
This measures how much of the signal is reflected back to the source.
* **Target:** < 1.20:1 up to 4 GHz.
* **Impact:** Lower VSWR ensures that the attenuator does not cause impedance mismatches in the transmission line.
#### Attenuation Accuracy
Electronic tolerances ensure the 5 dB drop remains consistent.
* **Tolerance:** $\pm 0.3$ dB to $\pm 0.5$ dB.
---
### 4. Common Applications
* **Signal Level Control:** Reducing high-power transmitter signals to levels compatible with sensitive receiver inputs.
* **Impedance Matching:** Placed between stages of an RF circuit to reduce the effect of reflections (swamping).
* **Protection:** Protecting Spectrum Analyzers or Oscilloscopes from over-voltage/power damage.
- ⤷
What is the maximum peak power handling for the W2PA-5BA-R/CE?
- ⤷ Does this model support wideband frequencies up to 26.5 GHz?
- ⤷ How does temperature affect the attenuation accuracy of this part?