W2PA-54Z-R/N
AI

The **W2PA-54Z-R/N** is a high-performance **Wi-Fi 6 (802.11ax)** Front-End Module (FEM) specifically designed for mobile and portable wireless systems. It integrates several critical RF components into a single, compact package to optimize signal transmission and reception.
---
### Core Specifications and Features
| Feature | Specification |
| :--- | :--- |
| **Frequency Range** | 5.15 GHz to 5.85 GHz (5GHz Band) |
| **Standard Support** | IEEE 802.11ax (Wi-Fi 6), 802.11ac/n/a |
| **Integrated Components** | PA, LNA (with Bypass), T/R Switch |
| **Operating Voltage** | 3.0V to 5.0V |
| **Package Type** | QFN (Quad Flat No-lead) |
---
### Key Internal Electronic Parts
The "Z" in the part number often indicates a specific configuration of the following internal blocks:
#### 1. Power Amplifier (PA)
* **Function:** Boosts the low-power Wi-Fi signal from the SoC (System on Chip) to a level sufficient for transmission through the antenna.
* **Characteristics:** Optimized for linearity to maintain high **MCS11 (1024 QAM)** data rates, which are essential for Wi-Fi 6 speeds.
#### 2. Low Noise Amplifier (LNA)
* **Function:** Amplifies weak signals received from the antenna while adding minimal noise.
* **Bypass Mode:** Includes a bypass feature to prevent distortion when the incoming signal is very strong (e.g., when the router is very close).
#### 3. Transmit/Receive (T/R) Switch
* **Function:** A high-speed RF switch that toggles the antenna connection between the PA (Transmit) and the LNA (Receive).
* **Isolation:** Ensures that the high-power transmit signal does not leak into and damage the sensitive LNA circuitry.
#### 4. Logarithmic Power Detector
* **Function:** Provides a DC voltage proportional to the RF output power.
* **Purpose:** Allows the system to perform closed-loop power control, ensuring consistent signal strength across different temperatures and battery levels.
---
### Application Usage
This part is typically found in:
* High-end Smartphones
* Tablets and Laptops
* Portable Hotspots
* Enterprise Access Points
---
- ⤷What is the typical gain and output power for the W2PA-54Z-R/N?
- ⤷ How does the 'R/N' suffix affect the packaging or ordering information?
- ⤷ What are the thermal management requirements for this specific FEM?