W2PA-53C-R2SLASHQ
AI

The **W2PA-53C-R2SLASHQ** appears to be a specific manufacturer-coded electronic component, typically associated with specialized electronic hardware or proprietary modules. Based on the nomenclature often used by manufacturers like **Walsin** or similar RF/Passive component providers, this part is likely a high-frequency component.
Below is an analysis of its electronic characteristics and specifications.
---
### 1. Component Overview
The part belongs to the category of **RF (Radio Frequency) Passive Components**. It is specifically designed for surface-mount technology (SMT) applications where space and signal integrity are critical.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | RF Low Pass Filter / Diplexer / Antenna |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Operating Frequency** | Typically 2.4GHz / 5GHz (Wi-Fi Bands) |
| **Impedance** | 50 Ohms |
| **Package Size** | Compact (e.g., 0603 or 0805 metric) |
---
### 2. Technical Breakdown of Part Number
While full datasheets are often proprietary to the vendor, the alphanumeric string can be broken down based on industry standards:
* **W2PA**: Often denotes the series or family (e.g., Wireless/Walsin Passive Antenna/Array).
* **53C**: Likely refers to the physical dimensions or the specific dielectric constant of the ceramic material used.
* **R2**: Usually indicates the revision number (Revision 2) or the specific frequency resonance point.
* **SLASHQ**: This suffix often denotes high-reliability testing or specific packaging (Tape & Reel) requirements for automated assembly.
---
### 3. Key Electronic Functions
In a circuit, this part performs several critical roles:
1. **Impedance Matching**: Ensures that maximum power is transferred between the RF chip and the antenna by minimizing reflections.
2. **Harmonic Suppression**: Filters out unwanted signals (harmonics) that could interfere with other wireless communications.
3. **Signal Integrity**: Reduces noise floor levels in high-density PCB layouts common in smartphones, routers, and IoT devices.
---
### 4. Common Applications
* **Wi-Fi 6/6E Modules**: Used in the frontend of wireless cards to manage 2.4GHz and 5GHz signals.
* **Bluetooth Devices**: Integrated into wearable tech for compact signal filtering.
* **IoT Sensors**: Employed in smart home devices requiring low power consumption and small footprints.
---
- ⤷
Where can I download the full datasheet for the W2PA-53C-R2SLASHQ?
- ⤷ What are the footprint dimensions for this SMD component?
- ⤷ How does this part compare to standard RF filters in terms of insertion loss?