công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2PA-1CC-R/Q

  • AI
    The **W2PA-1CC-R/Q** is a specific variant of a high-performance **RF/Microwave Relay** (specifically a Coaxial Switch) manufactured by **Teledyne Relays**. These components are designed for high-frequency signal switching where signal integrity, low insertion loss, and high isolation are critical. --- ## 1. Technical Specifications Overview The "W2PA" series belongs to the **Series W2PA** family, which are DPDT (Double Pole Double Throw) ultraminiature electromechanical coaxial switches. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | DPDT (Double Pole Double Throw) | | **Frequency Range** | DC to 3 GHz (typical for this series) | | **Impedance** | 50 Ohms | | **Actuation** | Failsafe or Latching (depending on specific sub-code) | | **Coil Voltage** | Typically 12V or 26.5V (indicated by suffix) | | **Insertion Loss** | < 0.2 dB (at 1 GHz) | | **Isolation** | > 35 dB (at 1 GHz) | --- ## 2. Part Number Breakdown (W2PA-1CC-R/Q) Teledyne part numbers are highly structured. Here is a breakdown of the specific codes: * **W2PA**: The base model series (Ultraminiature, Surface Mount/Through-hole RF Switch). * **1**: Usually indicates the coil voltage (e.g., `1` often corresponds to 26.5V or 28V, while `2` might correspond to 12V). * **CC**: Indicates the terminal or mounting configuration (likely a specific lead style for PCB mounting). * **-R**: Indicates the **Internal Diode for suppression**. This protects the driving circuit from "back-EMF" (voltage spikes) when the relay coil is de-energized. * **-Q**: Indicates **High Reliability** or Military-grade screening. These parts are often tested for extreme environments, vibration, and longevity. --- ## 3. Key Electronic Components & Features ### A. The Actuator Coil Inside the unit is a precision electromagnetic coil. When current flows through it, a magnetic field moves an armature to switch the RF path. The **-R** suffix means a silicon diode is wired in parallel with this coil to prevent inductive kickback. ### B. Gold-Plated Contacts To maintain low resistance and prevent oxidation over millions of cycles, the internal switching contacts are usually gold-plated. This is vital for maintaining a constant 50-ohm impedance. ### C. Hermetic Sealing The "/Q" designation implies a high level of environmental sealing. The component is typically hermetically sealed to prevent moisture or atmospheric contaminants from affecting the RF performance. --- ## 4. Typical Applications * **RF Test Equipment:** Switching between different signal sources or measurement paths. * **Telecommunications:** Signal routing in base stations or satellite ground equipment. * **Aerospace & Defense:** Used in radar systems and secure communications due to the **-Q** high-reliability rating. * **Medical Imaging:** Switching RF pulses in MRI or ultrasound equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage for the '1' designation in the W2PA series?
    • ⤷ How does the 'CC' mounting style differ from a standard through-hole configuration?
    • ⤷ What is the mechanical life expectancy (number of cycles) for this Teledyne relay?