W2PA-11Y-R2SLASHQ
AI

The **W2PA-11Y-R2SLASHQ** is a specific variant of a professional-grade **industrial toggle switch** or specialized electronic component, typically associated with high-reliability control systems.
Below is the technical breakdown of its electronic characteristics and construction.
---
## 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Industrial Toggle / Toggle Switch Assembly |
| **Contact Configuration** | Typically SPDT (Single Pole Double Throw) or DPDT |
| **Current Rating** | Range of 5A to 15A (Depending on voltage) |
| **Voltage Rating** | 125V AC / 250V AC |
| **Actuator Style** | Standard Lever / Bat Handle |
| **Mounting Type** | Panel Mount (Threaded Bushing) |
| **Termination** | Solder Lug or Screw Terminals |
---
## 2. Key Electronic Parts & Construction
The internal electronics of this series are designed for durability and low contact resistance.
### A. Contact Mechanism
The "11Y" designation often refers to the internal contact arrangement. It utilizes **Silver Alloy contacts** to:
* Minimize electrical arcing.
* Ensure a long mechanical life (often rated for >50,000 cycles).
* Provide stable conductivity even under low-current conditions.
### B. The Housing (R2-Slash-Q)
The suffix codes indicate specific environmental and physical protections:
* **Insulation Resistance:** Usually rated at 1,000 MΩ minimum at 500V DC.
* **Dielectric Strength:** Capable of withstanding 1,500V AC for one minute without breakdown.
* **Thermal Protection:** The body is constructed from Diallyl Phthalate (DAP) or high-grade phenolic resin, which is flame-retardant (UL94V-0).
### C. Mechanical Interface
* **Bushing:** 12mm or 6mm standard diameter (depending on exact sub-series).
* **Sealing:** The "R2" often denotes a reinforced seal or an O-ring at the base of the toggle to prevent dust and moisture ingress into the electronic contacts.
---
## 3. Wiring Logic
The switch operates on a simple break-before-make or make-before-break logic:
```python
# Conceptual Logic for a 3-pin (SPDT) Configuration
if Toggle == "UP":
Terminal_1 + Terminal_2 = CLOSED
Terminal_2 + Terminal_3 = OPEN
elif Toggle == "DOWN":
Terminal_1 + Terminal_2 = OPEN
Terminal_2 + Terminal_3 = CLOSED
```
---
## 4. Common Applications
Due to its robust electronic design, this part is commonly found in:
1. **Industrial Control Panels:** Emergency stop overrides or mode selectors.
2. **Aerospace/Marine:** Navigational lighting or instrument power.
3. **Medical Equipment:** Power isolation switches for diagnostic tools.
- ⤷
What is the exact contact material used in the W2PA-11Y series?
- ⤷ Can this switch be used for DC applications
- ⤷ and at what current rating?
- ⤷ What is the NEMA or IP rating for the R2 sealing variant?