W2PA-11D-R2/N
AI

The **W2PA-11D-R2/N** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **Wanduan** or similar industrial component suppliers. These relays are designed for high-density mounting on Printed Circuit Boards (PCBs) while maintaining the ability to switch moderate electrical loads.
---
## 1. Technical Specifications
The model name follows a specific nomenclature that defines its electrical and mechanical characteristics:
| Feature | Specification | Description |
|:---|:---|:---|
| **Contact Form** | 1C (SPDT) | Single Pole Double Throw (1 changeover contact) |
| **Coil Voltage** | 12V or 24V DC | Standard operating voltage (varies by sub-type) |
| **Switching Capacity** | 10A to 16A | Rated current for AC/DC loads |
| **Max Switching Voltage** | 250V AC / 30V DC | Maximum voltage the contacts can handle |
| **Contact Material** | Silver Alloy | Typically AgSnO2 or AgNi for durability |
| **Terminal Type** | PCB Mounting | Solder pins for circuit board integration |
---
## 2. Key Internal Components
The relay functions through the interaction of four primary electronic/mechanical parts:
1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when energized.
2. **Armature:** A moving metal piece attracted by the magnetic field, which triggers the contact movement.
3. **Spring System:** Ensures the contacts return to their original "Normally Closed" (NC) position when power is removed.
4. **Contact Points:** The actual surfaces that open or close the electrical circuit. These are treated with anti-oxidation coatings.
---
## 3. Applications and Usage
Due to its "intermediate" power rating and small footprint, the W2PA-11D series is commonly found in:
* **HVAC Systems:** Controlling fans, small compressors, or heaters.
* **Industrial Automation:** Acting as an interface between low-power PLCs and high-power actuators.
* **Home Appliances:** Power management in washing machines, dishwashers, and microwave ovens.
* **Safety Barriers:** Providing galvanic isolation between control circuits and mains power.
---
### Selection Considerations
* **Protection Class:** The "R2" usually indicates a specific sealing type (e.g., flux-proof or wash-tight).
* **Dielectric Strength:** Usually rated around 5,000V between the coil and contacts to prevent arcing and ensure safety.
- ⤷
What is the difference between the R2 and R1 variants in this relay series?
- ⤷ How do I calculate the power consumption of the relay coil?
- ⤷ What are the footprint dimensions for designing the PCB layout for this part?