W2PA-10C-R2SLASHCE
AI

The **W2PA-10C-R2/CE** is a specialized high-performance industrial wireless adapter (often referred to as a wireless LAN unit) manufactured by **SMC Corporation**. It is primarily used for establishing wireless communication in factory automation environments where traditional cabling is impractical or prone to failure (such as on robotic arms or rotary tables).
---
### 1. Key Technical Specifications
The device acts as a bridge between Ethernet-based industrial equipment and a wireless network.
| Feature | Specification |
| :--- | :--- |
| **Communication Protocol** | IEEE 802.11b/g/n (2.4 GHz Band) |
| **Interface** | Ethernet (RJ45 Connector) |
| **Input Voltage** | 24 VDC |
| **Current Consumption** | 100 mA or less |
| **Operating Temperature** | -10°C to 50°C |
| **Enclosure Rating** | IP67 (Dust-tight and water immersion protection) |
| **Max. Connections** | Supports up to 10 remote units (depending on configuration) |
---
### 2. Major Electronic Components & Features
The "electronic parts" of this unit are designed for high reliability and noise immunity in electromagnetic-heavy environments.
#### A. Wireless Module (Transceiver)
* **Frequency Hopping/Fixed Channel:** Uses the 2.4 GHz ISM band. It includes internal circuitry to manage signal interference, which is common in factories with motors and high-voltage lines.
* **Security:** Features hardware-level encryption (WPA2-PSK) to ensure that industrial data remains secure from unauthorized access.
#### B. Power Supply Circuitry
* Designed to handle the standard **24V industrial power**.
* Includes built-in protection against **reverse polarity** and **voltage surges**, ensuring the internal PCB isn't fried by unstable factory power grids.
#### C. The "R2/CE" Designation
* **R2:** Typically refers to the hardware revision or a specific frequency/regional setting (often optimized for Japanese or specific international standards).
* **CE:** Indicates the unit complies with European Union safety, health, and environmental protection requirements (CE Marking).
---
### 3. Connection & Logic Layout
The unit functions as a "Base" or "Remote" station to pass signals between a PLC (Programmable Logic Controller) and I/O devices.
1. **Ethernet Port:** Connects to the host PLC or local switch.
2. **Internal Processor:** Encapsulates Ethernet packets into wireless frames.
3. **LED Indicators:** Electronic diagnostic lights on the casing show:
* **PWR:** Power status.
* **W-LINK:** Wireless link established.
* **W-ACT:** Wireless data transmission activity.
---
### 4. Application Example
| Scenario | Usage |
| :--- | :--- |
| **Robotic End-Effector** | Transmitting sensor data from a moving tool without wearing out cables. |
| **Rotary Tables** | Eliminating the need for complex "slip rings" by sending data wirelessly. |
| **AGVs (Automated Guided Vehicles)** | Providing a constant data link to the central control system while moving. |
- ⤷
What is the maximum wireless range of the W2PA-10C-R2 in an open field?
- ⤷ How do you configure the IP address for this specific SMC wireless unit?
- ⤷ Can this unit be used as both a base station and a remote station?