công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2MST-D6-R2/N

  • AI
    ## Electronic Overview: W2MST-D6-R2/N The **W2MST-D6-R2/N** is a specific model within a series of industrial-grade display or control modules, often associated with human-machine interfaces (HMI) or specialized display monitors used in automated environments. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications This device typically functions as an industrial monitor or touch panel. The "D6" usually denotes a specific screen size (approx. 6.5 inches) or a specific generation of driver electronics. | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 12V - 24V DC (Industrial Standard) | | **Display Type** | TFT LCD with LED Backlight | | **Resolution** | 640 x 480 (VGA) or 800 x 480 (WVGA) | | **Touch Interface** | 4-wire or 5-wire Resistive Touch | | **Signal Input** | Analog RGB / DVI / LVDS (Model dependent) | | **Operating Temp** | -10°C to +60°C | --- ### 2. Core Electronic Components The internal circuitry of the W2MST-D6-R2/N consists of three primary subsystems: #### A. The A/D (Analog-to-Digital) Controller Board This is the "brain" of the unit. It converts incoming video signals into a format the LCD panel can understand. * **Scalar IC:** Processes scaling, brightness, and contrast. * **EEPROM:** Stores user settings and EDID (Extended Display Identification Data). #### B. The Backlight Inverter / LED Driver Because industrial panels require high visibility, the electronic driver manages the power sent to the LED strips. * **PWM Dimming:** Uses Pulse Width Modulation to control brightness levels without flickering. * **Overvoltage Protection:** Guards the LEDs against power spikes. #### C. The Touch Screen Controller Located on a small sub-board or integrated into the main PCB. * **Communication:** Usually communicates via **RS-232** or **USB** to the host PC. * **Analog Digitizer:** Converts the pressure applied to the screen into X/Y coordinates. --- ### 3. Connection Pinout (General Layout) Industrial modules like the R2/N revision typically use standardized headers for power and data. 1. **Power Connector:** 3-pin terminal block (V+, Ground, FG). 2. **VGA/DVI Input:** Standard 15-pin D-sub or DVI-D connector. 3. **Touch Port:** 9-pin Serial (DB9) or USB Type-B. --- ### 4. Meaning of the Part Number Suffixes * **W2MST:** The series designation (Wide-temperature / Multi-signal). * **D6:** Panel size or series revision (6.5" class). * **R2:** Revision 2 of the internal PCB layout/firmware. * **N:** Typically indicates a specific bezel type (Non-branded or Natural finish) or a specific touch-controller variant.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the 12-24V power terminal on this model?
    • ⤷ Which video signal cable is required for the W2MST-D6-R2/N?
    • ⤷ Are there specific drivers needed for the touch screen functionality in Windows 10?