công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2MST-3A-R

  • AI
    ## Technical Overview of W2MST-3A-R The **W2MST-3A-R** is a specific electronic component belonging to the **Subminiature Fuse** category. It is a radial-leaded, time-delay (slow-blow) fuse designed for space-constrained PCB applications. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Current Rating** | 3 Amperes (3A) | | **Voltage Rating (AC)** | 250 Volts | | **Fuse Type** | Time-Delay / Slow-Blow (T) | | **Mounting Type** | Through-Hole (Radial Leads) | | **Body Material** | Thermoplastic (usually UL 94 V-0 rated) | | **Interrupting Rating** | 35A or 50A @ 250VAC (typical for this series) | | **Package Style** | Circular / MST (Micro Subminiature) | --- ### Internal Construction & Functionality 1. **Time-Delay Mechanism**: Unlike "Fast-Acting" fuses, the W2MST-3A-R is engineered to withstand short-duration high-current surges (inrush current). This is achieved through a specific alloy wire or a spring-loaded mechanism that requires a sustained overcurrent to generate enough heat to melt. 2. **Encapsulation**: The internal fuse element is encased in a flame-retardant plastic shell. This prevents arc-flashing or debris from escaping if the fuse blows. 3. **Radial Leads**: The "MST" designation usually refers to the physical form factor—a small round cylinder with two wires protruding from the bottom for vertical insertion into a printed circuit board (PCB). --- ### Common Applications * **Power Supplies**: Protecting the primary side of AC/DC adapters. * **Consumer Electronics**: Used in chargers, LED drivers, and televisions. * **Industrial Controls**: Protecting low-power control circuits where space is limited. * **Input Protection**: Safeguarding against short circuits or component failures downstream. --- ### Typical Part Number Breakdown * **W2**: Series/Brand identifier (often associated with manufacturers like Hollyland or similar). * **MST**: Micro Subminiature Time-delay series. * **3A**: Current rating (3 Amps). * **R**: Often indicates "RoHS Compliant" or "Radial" leads.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this slow-blow fuse and a fast-acting fuse in a circuit?
    • ⤷ How do I determine if 250V is the correct voltage rating for my specific application?
    • ⤷ Can this fuse be used in DC circuits
    • ⤷ or is it strictly for AC?