W2DY-24DA-R2
AI

The **W2DY-24DA-R2** is a specific model of an I/O relay terminal unit, typically manufactured by **Panasonic** (formerly Sunx). These devices are used in industrial automation to interface between a controller (like a PLC) and high-power field devices.
---
## 1. Technical Specifications
The model name provides a breakdown of its primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | DY Relay (Small-sized, high capacity) |
| **Coil Voltage** | 24V DC |
| **Contact Arrangement** | 1 Form A (SPST-NO) per channel |
| **Number of Points** | 2-point (Double unit) |
| **Output Type** | Relay Contact |
| **Mounting** | DIN Rail or Screw Mount |
---
## 2. Key Electronic Components
### A. The Relay (Mechanical Heart)
The unit houses internal mechanical relays. These provide **galvanic isolation**, meaning there is no electrical connection between the low-voltage control signal (from the PLC) and the high-voltage load.
* **Switching Capacity:** Usually rated for up to 5A at 250V AC or 30V DC.
* **Contact Material:** Silver alloy (designed for low resistance and durability).
### B. Input Protection Circuitry
To protect the internal coils and the driving controller, the board includes:
1. **Flyback Diode:** Placed across the relay coil to suppress voltage spikes (back-EMF) when the coil is de-energized.
2. **LED Indicator:** A visual status indicator (usually green or red) that lights up when the input signal is active.
### C. Connection Interface
* **Terminal Blocks:** Screw-type terminals for secure wiring.
* **Internal Bus:** A PCB that distributes the 24V DC common line to the coils to reduce external wiring.
---
## 3. Wiring Configuration
The "R2" suffix typically denotes the terminal layout or the specific revision of the 2-point module.
| Connection Side | Function | Typical Voltage |
| :--- | :--- | :--- |
| **Input (Coil)** | Receives signal from PLC/Sensor | 24V DC |
| **Output (Contact)** | Switches the Load (Motor, Solenoid, Light) | Up to 250V AC / 30V DC |
---
## 4. Why use the W2DY-24DA-R2?
1. **Space Saving:** It is much narrower than using individual socketed relays.
2. **Maintenance:** It allows for quick replacement of the entire block or individual wiring points.
3. **High Inrush Handling:** Unlike Solid State Relays (SSRs), these mechanical relays can handle temporary current surges from inductive loads without overheating.
---
- ⤷
What is the maximum switching frequency for the W2DY-24DA-R2?
- ⤷ Can I replace the individual relays on this board if one fails?
- ⤷ What is the difference between the R2 and the standard W2DY-24DA model?