W2DY-24CD-R/CE
AI

The **W2DY-24CD-R/CE** is a specialized high-speed interface relay terminal manufactured by **OMRON**. It is primarily used in industrial automation to interface between programmable logic controllers (PLCs) and field devices, providing electrical isolation and signal switching.
---
### ## Technical Specifications
Below are the core electronic characteristics of the unit:
| Feature | Specification |
| :--- | :--- |
| **Model Type** | Relay Terminal (High-speed type) |
| **Rated Voltage** | 24 VDC |
| **Number of Points** | 16-point Input/Output |
| **Internal Switching Element** | Power MOSFETs / High-speed Relays |
| **Response Time** | ON: 0.5 ms max / OFF: 1.0 ms max |
| **Connection Method** | MIL Connector (Ribbon cable) |
| **Mounting** | DIN Rail Mounting |
---
### ### Key Electronic Components & Functions
#### 1. Input Interface (MIL Connector)
The device features a multi-pin connector (usually 20-pin) designed for ribbon cables. This allows for a clean, single-cable connection to PLC I/O modules, reducing wiring errors and labor.
#### 2. Switching Elements (MOSFETs)
Unlike standard mechanical relay terminals, the "D" in the model often signifies a **DC transistor/MOSFET output**.
* **Advantage:** High-speed switching and virtually unlimited life cycles because there are no moving mechanical parts to wear out.
* **Protection:** Includes built-in diodes to absorb surge voltages from inductive loads (like solenoids).
#### 3. Isolation Circuitry
The board utilizes **Optocouplers (Photocouplers)** to isolate the control logic (PLC side) from the load side (Field side).
* Protects the PLC from electrical noise and voltage spikes.
* Ensures that a failure on the field side does not damage the expensive controller.
#### 4. LED Indicators
The PCB contains surface-mount LEDs for each of the 16 channels. These provide immediate visual feedback on the status of the I/O points, aiding in troubleshooting.
---
### ### Typical Wiring Configuration
The internal wiring is usually configured in a "Common" arrangement.
```markdown
[PLC Side] -> [MIL Connector] -> [Optocoupler] -> [MOSFET Switch] -> [Terminal Block]
|
[External Load]
```
---
### ### Application Considerations
* **High-Speed Requirements:** Since this unit has a sub-millisecond response time, it is ideal for pulse-width modulation (PWM) or high-frequency cycling that would destroy a mechanical relay.
* **Current Limits:** Users must ensure the total current across all 16 points does not exceed the rated capacity of the common terminal (usually around 2A to 4A total).
- ⤷
What is the maximum current capacity per channel for this model?
- ⤷ How does the 'CE' suffix affect the regulatory compliance of the part?
- ⤷ Can this unit be used for AC load switching
- ⤷ or is it strictly DC?