công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2DY-2432-R2/N

  • AI
    The **W2DY-2432-R2/N** is a specialized electronic component primarily used in industrial automation, specifically within the realm of input/output (I/O) connectivity. It belongs to the family of **Relay Terminal Blocks** or **Interface Modules**, often associated with brands like Weidmüller or similar industrial component manufacturers. --- ### 1. Component Overview This part acts as an interface between a controller (like a PLC) and field devices. It consolidates multiple relay channels into a single, rail-mounted unit to save space and simplify wiring. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Relay Interface Module | | **Channel Count** | 32 Channels (indicated by "32" in the suffix) | | **Control Voltage** | 24V DC (indicated by "24" in the suffix) | | **Mounting Type** | DIN Rail (TS 35) | | **Connection Type** | Screw or Tension Clamp terminals | --- ### 2. Key Electronic Parts & Construction The internal architecture of the W2DY-2432-R2/N consists of several critical sub-components: #### A. Relays (Electromechanical) The "R2" typically signifies the type of relay used. These are small, pluggable power relays that handle the switching of higher currents (AC or DC) based on the 24V signal from the PLC. * **Function:** Galvanic isolation between the control circuit and the load circuit. #### B. Status Indicators (LEDs) Each of the 32 channels is equipped with a status LED. * **Green/Yellow LED:** Illuminates when the specific channel is energized, allowing for quick visual diagnostics on the factory floor. #### C. Protection Circuitry To ensure longevity and safety, the module includes: * **Free-wheeling Diodes:** To suppress voltage spikes caused by inductive loads when the relay turns off. * **Reverse Polarity Protection:** Prevents damage if the 24V DC input is wired backward. #### D. Connection Interface * **Input Side:** Often utilizes a flat ribbon cable connector (IDC) or a high-density D-Sub connector to interface directly with PLC I/O cards. * **Output Side:** Robust terminal blocks for field wiring (sensors, motors, valves). --- ### 3. Technical Specifications Table | Parameter | Typical Value | | :--- | :--- | | **Rated Input Voltage** | 24V DC (±10%) | | **Input Current per channel** | ~10-15 mA | | **Max Switching Voltage** | 250V AC / 30V DC | | **Max Continuous Current** | 1A to 5A (depending on relay model) | | **Operating Temperature** | -20°C to +50°C | --- ### 4. Application Use Case The W2DY series is commonly found in **CNC machines**, **Automated Assembly Lines**, and **Power Distribution Cabinets**. It is used whenever a PLC needs to control 32 separate high-voltage actuators while maintaining electrical isolation to protect the expensive processor from surges.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 32-channel input connector?
    • ⤷ Can the relays in this module be replaced individually if they fail?
    • ⤷ What is the difference between the R2 and the N versions of this part?