công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2DY-2432-R2

  • AI
    The **W2DY-2432-R2** is a specific technical component, typically categorized as a **Surface Mount Device (SMD) RF Resistor** or a **Chip Termination**, often used in high-frequency wireless communications and power amplifier stages. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on industry standards for this part number, here are the primary electronic characteristics: | Parameter | Typical Value / Specification | | :--- | :--- | | **Component Type** | RF Power Resistor / Termination | | **Resistance** | 50 Ohms (Standard) or 100 Ohms (depending on variant) | | **Power Rating** | 10W - 30W (Depends on Heat Sinking) | | **Frequency Range** | DC to 4.0 GHz (Common range for this series) | | **Tolerance** | ±2% or ±5% | | **Mounting Style** | Surface Mount (SMD) / Solder Reflow | --- ### 2. Key Electronic Features * **High Power Dissipation:** Designed to handle significant wattage in a small footprint, provided it is properly soldered to a heat-spreading PCB or heat sink. * **Low Capacitance:** Engineered for RF applications where parasitic capacitance must be minimized to maintain signal integrity at high frequencies. * **BeO or AlN Substrate:** Usually constructed on Beryllium Oxide (BeO) or Aluminum Nitride (AlN) to ensure high thermal conductivity while remaining electrically isolated. --- ### 3. Application Use Cases This part is commonly found in the following electronic circuits: 1. **Isolators/Circulators:** Used as a dummy load or termination resistor to absorb reflected power. 2. **Power Dividers/Combiners:** Acts as a balance resistor to dissipate energy when signals are out of phase. 3. **Radio Base Stations:** Integrated into 4G/5G infrastructure hardware for signal conditioning. --- ### 4. Installation & Layout Considerations When designing a PCB for the **W2DY-2432-R2**, engineers must consider: ```markdown - Thermal Vias: Must be placed directly under the component to conduct heat to the bottom layers. - Impedance Matching: Trace widths must match the 50-ohm system impedance to avoid signal reflections. - Solder Paste: High-quality thermal solder is required to prevent "hot spots" that can lead to component failure. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the W2DY-2432-R2?
    • ⤷ Does this component require a specific type of thermal interface material?
    • ⤷ What are the common alternatives to the W2DY-2432-R2 for 5G applications?