W2CE-5DD-R2/N
AI

The **W2CE-5DD-R2/N** is a specific model of an **Industrial Limit Switch** (specifically a compact, heavy-duty safety switch) manufactured by **Azbil (formerly Yamatake)**. It is widely used in factory automation to detect the position of machinery parts or objects.
Below is a detailed breakdown of its specifications and electrical characteristics.
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Manufacturer** | Azbil Corporation |
| **Actuator Type** | Roller Lever (Adjustable/Compact) |
| **Circuit Configuration** | 1NC / 1NO (Single Pole Double Throw - SPDT) |
| **Contact Material** | Gold-clad Silver |
| **Protection Rating** | IP67 (Dust-tight and Water immersion resistant) |
| **Operating Temp** | -10°C to +70°C |
| **Housing Material** | Die-cast Aluminum |
---
### 2. Electrical Ratings
These parts are designed for low-to-medium power control circuits. The "/N" suffix often indicates specific wiring or connector variations (typically a pre-wired or connectorized version for quick installation).
| Load Type | Rated Voltage | Rated Current |
| :--- | :--- | :--- |
| **AC (Resistive)** | 125V / 250V | 5A |
| **DC (Resistive)** | 30V | 5A |
| **Minimum Load** | 5V DC | 1mA (suitable for PLC inputs) |
---
### 3. Component Breakdown
#### A. The Actuator (Roller Lever)
The **W2CE** series features a mechanical lever with a roller. When a physical object pushes against the roller, it rotates the internal shaft to trigger the electrical contacts.
#### B. The Contact Block
Inside the switch is a precision snap-action mechanism.
* **NC (Normally Closed):** Breaks the circuit when the lever is pushed.
* **NO (Normally Open):** Closes the circuit when the lever is pushed.
#### C. Connector / Wiring
The **R2** in the part number often refers to the specific exit type of the cable or the connector style (usually a specialized industrial connector or a specific cable length). This ensures the electrical signal is transmitted reliably back to a PLC (Programmable Logic Controller).
---
### 4. Typical Applications
* **Conveyor Systems:** Detecting the arrival or position of a pallet.
* **Machine Tools:** Sensing the home position of a sliding axis.
* **Safety Interlocks:** Ensuring a guard door is closed before a machine starts.
---
- ⤷
What is the difference between the R2 and R5 cable length variants for this model?
- ⤷ How do I wire the W2CE-5DD-R2/N to a 24V PLC input?
- ⤷ What are the mounting hole dimensions for the W2CE series housing?