công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CE-5D4-R

  • AI
    ## Detailed Overview of the W2CE-5D4-R The **W2CE-5D4-R** is a specific electronic component typically associated with industrial control, power management, or specialized sensing systems. Based on industrial nomenclature, this part is part of the **W2CE series**, often produced by manufacturers like **OMRON** or specialized power electronics suppliers. --- ### 1. Technical Specifications The part is designed for high-reliability environments. Below are the core technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | AC/DC Power Transducer / Current Sensor | | **Input Type** | Alternating Current (AC) | | **Input Range** | 0 to 5 Amperes (standard industrial CT output) | | **Output Type** | 4 to 20 mA DC (Standard current loop) | | **Power Supply** | Usually 100-110V or 200-220V AC (model dependent) | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Key Internal Electronic Components The device functions through several stages of electronic processing: #### A. Isolation Transformer The "W" in the series often denotes a transducer that provides **galvanic isolation**. This protects sensitive PLC (Programmable Logic Controller) inputs from high-voltage spikes on the monitored line. #### B. Rectification & Filtering Circuit Since the input is 5A AC, the internal circuitry must convert this into a proportional DC signal. * **Bridge Rectifier:** Converts AC to pulsating DC. * **Smoothing Capacitors:** Removes ripple to ensure a steady measurement. #### C. Signal Conditioning (Op-Amps) High-precision Operational Amplifiers (Op-Amps) scale the rectified voltage to the standard **4-20mA** range. This ensures that: * **0A Input** = 4mA Output (Live zero for error detection). * **5A Input** = 20mA Output. #### D. Protection Components * **Zener Diodes:** For over-voltage protection on the output loop. * **Varistors (MOVs):** To protect the input side from surges. --- ### 3. Application Use Cases The W2CE-5D4-R is primarily used in the following scenarios: 1. **Motor Load Monitoring:** Measuring the current draw of industrial motors to detect overloads or mechanical jams. 2. **SCADA Integration:** Converting heavy current signals into low-voltage signals that a computer or PLC can read. 3. **Power Management:** Tracking energy consumption in factory distribution panels. --- ### 4. Connection Diagram (General) ```text [ AC Source ] ----> [ Current Transformer ] ----> (Terminals 1 & 2: 0-5A Input) (Terminals 3 & 4: Power Supply) (Terminals 5 & 6: 4-20mA Output) ----> [ PLC / Meter ] ```
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the W2CE-5D4-R and the 0-10V output models?
    • ⤷ How do I calibrate the 4-20mA span on this specific transducer?
    • ⤷ What is the maximum allowable load resistance for the output loop?