W2CE-5CA-R2
AI

The **W2CE-5CA-R2** is a high-performance, ultra-compact optical transceiver module, specifically an **OBO (On-Board Optics)** or "Mid-board" optical engine. These components are designed to move optical conversion away from the traditional faceplate and closer to the CPU or Switch ASIC to reduce signal integrity loss.
---
## 1. Technical Specifications
The following table summarizes the primary electronic and optical characteristics of the W2CE-5CA-R2:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | COBO / On-Board Optics (OBO) |
| **Data Rate** | 400 Gbps (Aggregate) |
| **Channel Count** | 8-Channel (50G PAM4 per channel) |
| **Wavelength** | 850nm (Multimode) |
| **Interface Type** | VCSEL Based |
| **Electrical Interface** | High-speed LGA or Samtec-style connector |
| **Max Reach** | Up to 100m (OM4) |
---
## 2. Key Electronic Components
The internal architecture of the W2CE-5CA-R2 consists of several critical electronic sub-systems:
### A. VCSEL Driver (Transmitter)
The module uses a Vertical-Cavity Surface-Emitting Laser (VCSEL) array. The electronic driver converts the incoming electrical PAM4 signals into current pulses that drive the laser diodes.
### B. TIA (Transimpedance Amplifier)
On the receiver side, photodetectors convert light into a tiny current. The TIA is the critical electronic part that amplifies this current and converts it into a usable voltage signal for the host system.
### C. DSP (Digital Signal Processor)
Because this module operates at 400G using PAM4 (4-level Pulse Amplitude Modulation), it contains a high-performance DSP. This chip handles:
* **Clock and Data Recovery (CDR)**.
* **Equalization**: Compensating for signal degradation over the PCB traces.
* **Forward Error Correction (FEC)** support.
### D. I2C Management Interface
The module includes a low-speed serial management interface (I2C) that allows the host to monitor:
* Temperature and Voltage.
* Laser bias current.
* Transmit/Receive power (DOM - Digital Optical Monitoring).
---
## 3. Advantages of the W2CE Architecture
Compared to standard pluggable modules (like QSFP-DD), the W2CE series offers:
1. **Thermal Efficiency**: Being mounted on the board allows for better heat sink integration.
2. **Density**: High-density interconnects allow for more bandwidth in a smaller PCB footprint.
3. **Signal Integrity**: By placing the optical engine closer to the ASIC, "trace loss" is significantly reduced, allowing for lower power consumption.
---
- ⤷What is the power consumption per gigabit for the W2CE-5CA-R2?
- ⤷ Which specific Samtec connectors are compatible with this module?
- ⤷ How does the W2CE-5CA-R2 handle thermal management compared to QSFP-DD?