W2CE-5BY-R/N
AI

The **W2CE-5BY-R/N** is a specialized electronic component, typically categorized as a **Limit Switch** or a **Touch Switch**, often utilized in precision industrial automation and CNC machinery.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Technical Specifications
This device acts as a high-precision sensor that triggers an electrical signal upon physical contact.
| Feature | Specification |
| :--- | :--- |
| **Output Type** | Transistor Output (NPN / PNP compatible) |
| **Contact Type** | Normally Open (NO) or Normally Closed (NC) |
| **Operating Voltage** | Typically 12V to 24V DC |
| **Indicator** | LED Light (R: Red / N: None or Green depending on sub-model) |
| **Stroke/Travel** | Very short (Pre-travel approx. 0.3mm to 0.5mm) |
| **Repeatability** | High precision (±0.005mm range) |
---
### 2. Electronic Component Breakdown
#### A. Internal Circuitry
The device operates using a non-contact internal electronic switch triggered by a mechanical plunger.
* **Transistor Switching:** Unlike traditional mechanical switches that use metal plates (which can spark or oxidize), the W2CE series often uses an internal transistor to switch the load.
* **Protection Circuitry:** Usually includes reverse polarity protection to prevent damage if the DC power leads are swapped.
#### B. The "R/N" Designation
In electronic part numbering for this series:
* **R (Red):** Refers to the LED indicator color. When the switch is actuated, the internal circuit powers a red LED to provide visual feedback to the operator.
* **N (Output Logic):** Often designates the logic type (NPN) or a variation in the normal state of the switch (Normally Open vs. Normally Closed).
#### C. Wiring Configuration
Most variations of this part use a 3-wire or 4-wire system:
1. **Brown:** Positive Supply (+V)
2. **Blue:** Ground (0V)
3. **Black:** Output Signal (Load)
---
### 3. Application Use Cases
Because of its electronic precision, the W2CE-5BY-R/N is used in:
* **Tool Length Measurement:** In CNC machines to detect the exact position of a drill bit.
* **Safety Interlocks:** Ensuring a machine guard is fully closed.
* **Positioning:** Detecting the "Home" position of a motorized axis with high repeatability.
---
- ⤷
What is the difference between the NPN and PNP wiring for this specific switch?
- ⤷ What is the IP rating for the W2CE-5BY-R/N to ensure it is dust-proof?
- ⤷ Can this switch be used with an AC power supply?