công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CE-5B1-R

  • AI
    The **W2CE-5B1-R** is a specific part number belonging to a series of electronic connectors, typically manufactured by companies like **Walsin** or specialized connector vendors. It is primarily used for high-frequency signal transmission in wireless communication hardware. --- ## 1. Component Overview The W2CE-5B1-R is a **Micro-Coaxial Connector**, often referred to as a "U.FL" or "IPEX" compatible type. These connectors are designed to link a PCB (Printed Circuit Board) to an external antenna or another module via a thin coaxial cable. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | SMT (Surface Mount Technology) Receptacle | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | DC to 6 GHz | | **V.S.W.R.** | 1.3 Max (at 0 to 3GHz); 1.5 Max (at 3 to 6GHz) | | **Contact Material** | Phosphor Bronze (Gold plated) | | **Insulator Material** | High-temp Thermoplastic (LCP) | | **Mating Height** | ~1.25mm to 2.5mm (depending on mating plug) | --- ## 2. Key Features * **Ultra-Small Footprint:** Designed for space-constrained devices like smartphones, tablets, and IoT sensors. * **Snap-on Mating:** Features a tactile "click" to ensure the cable is properly seated. * **Gold Plating:** The contact surfaces are gold-plated to ensure low contact resistance and prevent oxidation over the product's lifespan. * **Tape and Reel Packaging:** The "R" at the end of the part number usually indicates **Reel** packaging, designed for automated pick-and-place assembly machines. --- ## 3. Typical Applications These connectors are found in almost any device requiring wireless connectivity: 1. **Wi-Fi / Bluetooth Modules:** Connecting the internal PCB to an external antenna. 2. **GPS/GNSS Receivers:** High-frequency signal routing for positioning data. 3. **LTE/5G IoT Devices:** Used in cellular modems to connect to primary and diversity antennas. 4. **Laptops:** Connecting the Wi-Fi card to the antennas integrated into the display bezel. --- ## 4. PCB Footprint & Soldering The part is an **SMT component**, meaning it is soldered directly onto the surface of the PCB. ```c // Example Pad Layout Concept [Signal Pad] -> Center pin for RF signal [Ground Pads] -> Two large side pads for structural stability and EMI shielding ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension (footprint) of the W2CE-5B1-R for PCB design?
    • ⤷ Is the W2CE-5B1-R fully compatible with Hirose U.FL series plugs?
    • ⤷ What are the recommended soldering temperature profiles for this connector?