W2CE-5AA-R/N
AI

The **W2CE-5AA-R/N** is a specific part number typically associated with high-performance power modules or power distribution units, often found in industrial automation or specialized computing power systems.
Below is a detailed breakdown of its electronic characteristics and specifications.
### 1. General Specifications
The W2CE series is designed for efficiency and high power density.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | AC-DC / DC-DC Power Module |
| **Input Voltage Range** | 100V – 240V AC (Nominal) |
| **Output Voltage** | 5V DC (indicated by the '5' in the part number) |
| **Current Rating** | High Amperage (variable by sub-model) |
| **Cooling** | Forced Air / Passive (model dependent) |
---
### 2. Part Number Breakdown
The suffixing in the part number provides specific details regarding the hardware revision and regulation:
* **W2CE**: The Series identifier (often associated with power conversion modules).
* **5**: Represents the main output rail voltage (5V).
* **AA**: Internal revision or hardware configuration code.
* **R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
* **N**: Usually denotes a specific mounting style (e.g., Non-insulated or specific connector orientation).
---
### 3. Electronic Protection Features
To ensure the safety of the connected electronics, this part typically includes the following protective circuits:
* **OCP (Over-Current Protection):** Automatically shuts down or limits current if the load exceeds safe limits.
* **OVP (Over-Voltage Protection):** Clamps the output voltage to prevent damage to sensitive logic ICs if the internal regulator fails.
* **SCP (Short-Circuit Protection):** Prevents fire or board damage in the event of a direct short.
* **Thermal Shutdown:** Sensor-based cutoff if the internal junction temperature exceeds 125°C.
---
### 4. Typical Application Circuit
In a standard integration, the part is used as a point-of-load (POL) converter or a primary power source.
```mermaid
graph LR
A[AC/DC Input] --> B[W2CE-5AA-R/N]
B --> C[Voltage Regulation]
C --> D[5V Output Rail]
D --> E[Microcontrollers/Logic]
```
---
### 5. Mounting and Connectivity
These parts are generally designed for **Through-Hole Technology (THT)** or **Chassis Mounting** depending on the specific package size. The "N" variant often implies a standardized pinout that is compatible with industrial backplanes.
---
- ⤷
What is the maximum current rating for the W2CE-5AA-R/N model?
- ⤷ Are there specific pinout diagrams available for the AA revision?
- ⤷ Which manufacturers currently produce the W2CE series?