W2CE-5AA-R
AI

The **W2CE-5AA-R** belongs to a specific category of electronic components, typically associated with **RJ45 Modular Jacks** featuring integrated magnetics (often called "MagJacks"). These are used primarily in networking hardware to provide physical connectivity and signal conditioning.
---
## 1. General Specifications
The W2CE-5AA-R is designed to interface between the Physical Layer (PHY) chip of a network device and the Ethernet cable.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Connector Type** | RJ45 Female |
| **Port Configuration** | Single Port (1x1) |
| **Speed/Standard** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Orientation** | Right Angle / Tab-Up |
| **Termination** | Through-hole (Solder) |
| **Shielding** | Metal Shielded (EMI protection) |
---
## 2. Internal Electronic Architecture
Unlike a standard plastic RJ45 jack, the W2CE-5AA-R contains passive components inside the metal housing:
### A. Isolation Transformers
* **Purpose:** Provides 1500Vrms isolation between the cable and the internal circuitry.
* **Function:** Protects the sensitive PHY chip from static electricity, surges, and ground loops.
### B. Common Mode Chokes
* **Purpose:** Filters out electromagnetic interference (EMI).
* **Function:** Suppresses high-frequency noise while allowing the data signal to pass through cleanly.
### C. Termination Resistors and Capacitors
* **Purpose:** Impedance matching.
* **Function:** Usually includes "Bob Smith" termination (typically 75-ohm resistors and a high-voltage capacitor) to reduce common-mode emissions and improve signal integrity.
---
## 3. Physical Layout and Pinout
The component typically features two sets of pins:
1. **Input (PCB Side):** Connects to the Ethernet Controller/PHY on your circuit board. Usually includes 8 or 10 pins depending on whether LEDs are integrated.
2. **Output (Cable Side):** Standard 8-pin RJ45 interface for Cat5e/Cat6 cables.
3. **Shield Tabs:** Connected to the chassis ground to bleed off interference.
### Visual Pin Mapping Example
```text
[ PHY Chip ] <---> [ Magnetic Module ] <---> [ RJ45 Connector ]
| (Transformers) (Mechanical Port)
| (Chokes)
| (Termination)
```
---
## 4. Part Number Breakdown (General Convention)
While naming conventions vary by manufacturer, "W2CE" usually indicates the specific series or mechanical footprint:
* **5AA:** Specific internal schematic or LED configuration (e.g., Green/Yellow LEDs).
* **R:** Generally indicates **RoHS Compliance** (Lead-free).
- ⤷
What are the specific LED pinout configurations for the W2CE series?
- ⤷ How does the 'Tab-Up' orientation affect PCB layout compared to 'Tab-Down'?
- ⤷ What is the maximum voltage rating for the isolation transformers in this component?