AI

The **W2CE-53Y-R** is a specific electrical component, typically identified as a **High-Density Power Entry Module (PEM)** or a specific **AC Power Inlet Connector**, often used in telecommunications, server infrastructure, and high-performance computing power supplies.
---
## 1. Component Overview
This part is designed to bridge the external AC power source to the internal power conversion circuitry of a device. It belongs to a category of ruggedized, high-current connectors.
| Specification | Typical Value / Description |
|:---|:---|
| **Part Type** | Power Entry Module / AC Inlet |
| **Connector Standard** | Often associated with IEC 60320 standards (like C19/C20 or proprietary high-amp) |
| **Current Rating** | High Amperage (typically 16A to 20A) |
| **Voltage Rating** | 250V AC |
| **Mounting Type** | Panel Mount / Screw Mount |
| **Termination Style** | Solder or Quick-Connect Terminals |
---
## 2. Key Electronic Features
The "electronic parts" or internal construction of this module usually include:
### A. Conductive Pins
* **Material:** Usually made of a high-conductivity copper alloy.
* **Plating:** Silver or Nickel plating to prevent oxidation and reduce contact resistance, which is critical for high-power applications to prevent overheating.
### B. Insulation Body
* **Material:** Thermoplastic (e.g., UL 94V-0 rated polyester).
* **Function:** Provides high dielectric strength to prevent arcing between the Live, Neutral, and Ground terminals.
### C. EMI/RFI Filtering (Model Dependent)
While some "W2CE" series parts are simple inlets, many versions contain an integrated **Line Filter**:
* **Capacitors (X and Y types):** Used for noise suppression.
* **Inductors/Chokes:** Toroidal cores used to block high-frequency electromagnetic interference.
---
## 3. Application Use Cases
Due to its robust design, the W2CE-53Y-R is commonly found in:
1. **Network Switches/Routers:** Providing reliable AC input for enterprise-grade hardware.
2. **Server Power Supplies:** Acting as the primary interface for PDU (Power Distribution Unit) cables.
3. **Medical Equipment:** Where secure power connections and low leakage current are mandatory.
---
## 4. Technical Pinout (Standard AC)
| Pin Label | Function | Wire Color (Typical) |
|:---|:---|:---|
| **L** | Line / Hot | Black or Brown |
| **N** | Neutral | White or Blue |
| **E / G** | Earth / Ground | Green or Green/Yellow |
---
- ⤷
What is the maximum current rating for the W2CE-53Y-R?
- ⤷ Does this model include an integrated fuse holder or EMI filter?
- ⤷ What are the mechanical mounting dimensions for this connector?