công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CE-524-R2/N

  • AI
    The **W2CE-524-R2/N** is a specialized high-performance industrial cooling fan, typically manufactured by **Wibond** or similar industrial thermal solution providers. This model is a cross-flow (tangential) fan assembly designed for uniform airflow across wide areas. --- ## 1. Technical Specifications Below are the primary electronic and mechanical characteristics of the W2CE-524-R2/N: | Parameter | Specification | | :--- | :--- | | **Component Type** | Cross-Flow (Tangential) Fan | | **Voltage** | 220V - 240V AC | | **Frequency** | 50/60 Hz | | **Input Power** | ~30W - 45W (Varies by load) | | **Bearing Type** | Dual Ball Bearing (R2 designation) | | **Housing Material** | Aluminum Alloy / Galvanized Steel | | **Impeller Material** | Aluminum | | **Insulation Class** | Class B or F (High temperature resistant) | --- ## 2. Key Electronic Components ### A. AC Shaded-Pole or Capacitor-Run Motor * **Winding:** The motor uses high-density copper windings treated with varnish for moisture and vibration resistance. * **N-Suffix:** The "/N" typically denotes a "Normal" or "New" revision focusing on noise reduction or specific connector pinouts. * **Protection:** Integrated thermal protector (auto-reset) to prevent motor burnout in case of an impeller stall. ### B. Bearing System (R2) * The **R2** in the part number usually signifies a specific bearing configuration, most commonly a reinforced **dual ball bearing** system. * **Benefit:** These are designed for continuous 24/7 operation and provide a significantly longer MTBF (Mean Time Between Failures) compared to sleeve bearings, especially in high-temperature environments. ### C. Connection Interface * **Terminals:** Usually features fast-on terminals or a lead-wire configuration for easy integration into industrial control panels. * **Grounding:** Includes a dedicated grounding point on the aluminum frame to prevent ESD (Electrostatic Discharge) buildup. --- ## 3. Applications Due to its electronic stability and linear airflow pattern, the W2CE-524-R2/N is used in: 1. **Server Racks:** For uniform cooling across multiple blade servers. 2. **Elevator Air Curtains:** To provide a thin, wide stream of air. 3. **HVAC Equipment:** Used in fan coil units or floor heaters. 4. **Laboratory Equipment:** For maintaining stable temperatures in incubators. --- ## 4. Maintenance & Safety * **Voltage Sensitivity:** Ensure the supply voltage does not fluctuate beyond ±10%, as AC motors in these fans can overheat if undervolted. * **Cleaning:** The aluminum impellers should be kept free of dust to maintain the balance of the R2 bearings.
    ✨ Follow-up Questions
    • ⤷ What is the maximum CFM (Cubic Feet per Minute) rating for this specific model?
    • ⤷ How does a cross-flow fan differ electronically from a standard axial fan?
    • ⤷ What are the specific dimensions and mounting hole patterns for the W2CE-524-R2/N?