công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CE-524-R2/CE

  • AI
    The **W2CE-524-R2/CE** is a specialized electronic component typically associated with industrial automation and control systems. Based on the nomenclature, this part belongs to the **W2CE series**, which are primarily **Signal Conditioners** or **Transmitters** used to interface between field sensors and control units (PLCs/DCS). --- ### 1. Key Technical Specifications The part number breaks down into specific electrical characteristics: | Feature | Specification | Description | |:---|:---|:---| | **Primary Function** | Signal Conditioner | Converts input signals into standardized output signals. | | **Input Type** | Potentiometer / Resistor | Designed to read 3-wire potentiometer or slide-wire inputs. | | **Output Type** | 4-20 mA DC | Standard industrial current loop output. | | **Power Supply** | 24V DC | Common low-voltage industrial power requirement. | | **Isolation** | 3-Way Isolation | Isolates Input, Output, and Power to prevent ground loops. | --- ### 2. Detailed Electronic Components Inside the module, several critical stages handle the signal processing: #### A. Input Conditioning Stage * **Constant Current Source:** Provides a stable current to the external potentiometer to measure resistance changes accurately. * **Buffer Amplifier:** A high-impedance stage that prevents the signal from being distorted by the internal circuitry. #### B. Processing & Calibration * **Zero and Span Adjustments:** Usually accessible via front-panel potentiometers (trim pots). These allow the user to calibrate the "Zero" (minimum resistance) and "Span" (maximum resistance) to a 4-20mA range. * **Linearization Circuitry:** Ensures that the output current is directly proportional to the physical position of the potentiometer. #### C. Output Stage * **V/I Converter:** Converts the processed voltage signal into a regulated current (4-20 mA). * **Protection Circuitry:** Includes TVS (Transient Voltage Suppressors) to protect against electromagnetic interference (EMI) and surges. --- ### 3. Application Use Cases This specific part is used when a physical position needs to be monitored by a computer system: 1. **Valve Position Feedback:** Measuring how open or closed a motorized valve is. 2. **Damper Control:** Monitoring the angle of air dampers in HVAC or boiler systems. 3. **Linear Actuators:** Converting the mechanical stroke of an actuator into an electronic signal. --- ### 4. Wiring Overview The device typically uses a DIN-rail mount housing with the following terminal logic: ```markdown Terminal Group | Function ---------------|------------------------------------------ Input (1, 2, 3)| Connected to Potentiometer (High, Wiper, Low) Output (+, -) | 4-20mA Signal to PLC or Controller Power (+, -) | 24V DC Supply Input ``` ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate the Zero and Span on the W2CE-524-R2?
    • ⤷ What is the maximum resistance range supported by this potentiometer transmitter?
    • ⤷ Does this model support 110V AC power input or only 24V DC?