công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CE-524-R2

  • AI
    Based on the technical nomenclature and standard industry specifications, the **W2CE-524-R2** typically refers to a high-performance **Fiber Optic Transceiver** or a specific **Direct Attach Cable (DAC)** assembly, often associated with enterprise networking hardware. Below is a breakdown of its electronic components and specifications. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | Up to 10.3 Gbps | | **Connector Type** | Dual LC (Optical) or Passive Copper (DAC) | | **Voltage Supply** | 3.3V (Typical) | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | | **Impedance** | 100 Ohms (Differential) | --- ### 2. Key Electronic Components The device consists of several critical sub-assemblies that manage signal integrity and data conversion: #### A. Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Usually contains a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) or a DFB laser for converting electrical bits into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a **PIN Photodiode** and a **TIA** (Transimpedance Amplifier) to convert incoming light back into electrical signals. #### B. Integrated Circuits (ICs) * **Laser Driver:** Controls the TOSA's current to ensure stable optical output. * **Limiting Amplifier:** Cleans up the electrical signal from the ROSA before sending it to the host system. * **EEPROM:** A non-volatile memory chip that stores the "Digital Diagnostic Monitoring" (DDM) data, vendor ID, serial number, and part specifications. #### C. Passive Components * **Decoupling Capacitors:** Used to filter noise from the 3.3V power supply. * **High-Speed PCB:** A multi-layer board designed with controlled impedance traces to minimize signal loss at 10Gbps speeds. --- ### 3. Connection and Protocol Support The **R2** suffix often denotes a specific revision of the hardware intended for improved electromagnetic interference (EMI) shielding or better compatibility with high-density switches. * **Hot-Swappable:** The electronic interface is designed to be plugged in or removed without powering down the host device. * **I2C Interface:** Uses a 2-wire serial interface for management and monitoring (SDA/SCL lines). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the W2CE-524-R2?
    • ⤷ Is this part compatible with Cisco or Juniper hardware standards?
    • ⤷ Does the R2 revision include Digital Diagnostic Monitoring (DDM)?