W2CE-51D-R2/UL
AI

The **W2CE-51D-R2/UL** is a specific model of an **AC Axial Fan** manufactured by **Sanyo Denki** (San Ace). It is designed for high-performance thermal management in industrial equipment, servers, and power supplies.
---
### 1. Technical Specifications
Below are the primary electrical and mechanical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 100V AC (Standard Range: 90V - 110V) |
| **Frequency** | 50 / 60 Hz |
| **Rated Current** | 0.21 A (at 50Hz) / 0.18 A (at 60Hz) |
| **Power Consumption** | 17 W / 15 W |
| **Speed (RPM)** | 2700 / 3100 RPM |
| **Airflow Rate** | 88.3 / 102.4 CFM (Cubic Feet per Minute) |
| **Noise Level** | 41 / 44 dB(A) |
| **Frame Size** | 120mm x 120mm x 38mm |
| **Bearing Type** | Dual Ball Bearing |
---
### 2. Key Electronic Components & Features
The W2CE-51D-R2/UL is not just a motor; it contains several critical sub-components that ensure its reliability and safety:
* **Shaded Pole Induction Motor:** Unlike DC fans that use electronic commutation (ESCs), this AC fan typically uses a shaded pole motor. This makes it highly robust against electrical noise and simple to drive directly from mains power.
* **Impedance Protection:** This is a safety feature where the motor's coils are designed so that if the fan is stalled (locked rotor), the internal impedance prevents the current from rising to a level that would cause a fire.
* **Dual Ball Bearing System:** This electronic part ensures a high MTBF (Mean Time Between Failures), typically rated for 25,000 to 40,000 hours of continuous operation at 60°C.
* **UL/CSA Certification:** The "UL" suffix indicates it meets North American safety standards for flammability and electrical insulation.
---
### 3. Wiring and Connection
This specific model uses **Lead Wires** for electrical connection rather than terminal pins.
```text
Wiring Configuration:
- Red/Black or Black/Black (Polarity does not matter for AC Fans)
- Input: 100V AC Single Phase
```
---
### 4. Typical Applications
* **Control Panels:** Removing heat from industrial PLC enclosures.
* **Servers/Storage:** High-pressure cooling for rack-mounted hardware.
* **Power Supplies:** Cooling large transformers or rectifiers.
- ⤷
What is the difference between the 'R2' and 'R1' versions of this fan?
- ⤷ Can this fan be used with a variable speed controller?
- ⤷ What is the expected lifespan of the W2CE-51D-R2/UL in a 24/7 environment?