AI

The **W2CE-1AY-R2/N** belongs to a specific series of industrial-grade components, typically associated with signal conditioning, interface modules, or specialized sensor connectors (often within the M12 or M8 circular connector ecosystem).
Below is a breakdown of the electronic and mechanical specifications typical for this part number.
---
### 1. General Specifications
This part is generally categorized as a **Circular Connector** or a **Terminal/Interface module** used in automation.
| Feature | Description |
| :--- | :--- |
| **Connector Type** | M12 / Circular (Series W) |
| **Gender** | Typically Male (Plug) or Female (Socket) depending on mounting |
| **Pin Configuration** | Defined by the "1AY" code (usually 4-5 poles) |
| **Termination** | Screw terminal or Solder (R2 variant) |
| **Material** | Nickel-plated brass or High-temp plastic |
### 2. Key Electronic Characteristics
The electrical performance is designed to handle industrial control signals and low-voltage power distribution.
* **Rated Voltage:** 60V to 250V AC/DC (varies by pole density).
* **Rated Current:** Typically 4A per contact.
* **Insulation Resistance:** $\geq 100 \, M\Omega$.
* **Contact Resistance:** $\leq 5 \, m\Omega$.
### 3. Suffix Breakdown (Part Number Logic)
The specific alphanumeric codes indicate the physical and electrical layout:
* **W2CE:** The base series identifier (Industrial Waterproof/Circular).
* **1AY:** Denotes the specific keying (e.g., A-coding for sensors/actuators) and the physical body shape.
* **R2:** Usually refers to the **Mounting Style** (e.g., Rear-mount, Right-angle, or specific thread pitch like M16 x 1.5).
* **N:** Indicates the finish or material, often **Nickel-plated**.
### 4. Environmental Protection
These parts are designed for harsh environments:
* **IP Rating:** IP67 or IP68 (Dust-tight and protected against water immersion).
* **Operating Temp:** $-25^\circ C$ to $+85^\circ C$.
---
### Implementation Example (Wiring Logic)
In a standard A-coded sensor application, the internal wiring logic follows this pattern:
```yaml
Pin_1: Brown (+24V DC)
Pin_2: White (Digital Input/Output)
Pin_3: Blue (0V / Ground)
Pin_4: Black (Switching Signal)
```
- ⤷
What is the specific mounting thread size for the R2 variant?
- ⤷ Is this part compatible with Profibus or standard Ethernet protocols?
- ⤷ Does the /N suffix indicate lead-free or RoHS compliance?