công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CE-1A2-R2/Q

  • AI
    The **W2CE-1A2-R2/Q** is a specific variant of an industrial-grade **Ethernet Media Converter** or **Interface Module**, typically used in automation and control systems (such as those by Yokogawa or similar industrial electronics providers). It is designed to bridge different communication media or provide isolated signal conversion. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Feature | Specification | | :--- | :--- | | **Device Type** | Ethernet-to-Fiber / Signal Conditioner / Media Converter | | **Power Supply** | Typically 24V DC or 100-240V AC (model dependent) | | **Isolation** | Galvanic isolation between input, output, and power | | **Mounting** | DIN Rail or Rack Mount | | **Connector Type** | RJ-45 (Copper) and SC/ST (Fiber) or Terminal Blocks | | **Operating Temp** | -10°C to +55°C (Standard Industrial Grade) | --- ### 2. Functional Electronic Components The "W2CE" series generally consists of the following internal electronic stages: #### A. Power Supply Unit (PSU) Contains a DC-DC converter or AC-DC rectifier. It utilizes **filtering capacitors** and **voltage regulators** to ensure stable power to the logic circuits, protecting them from industrial electrical noise and surges. #### B. Signal Isolation Circuit This is a critical part of the "1A2" configuration. It uses **Optocouplers** or **Magnetic Isolators** to prevent ground loops and protect sensitive PLC/DCS equipment from high-voltage spikes on the field side. #### C. Communication Controller An integrated circuit (IC) that handles the Physical Layer (PHY) conversion. It translates electrical signals (Copper/Ethernet) into optical signals (Fiber) or standardized serial protocols. #### D. Protection Circuitry Includes **TVs Diodes (Transient Voltage Suppressors)** and **Varistors** to safeguard the ports against Electrostatic Discharge (ESD). --- ### 3. Part Number Suffix Breakdown While nomenclature varies by manufacturer, the suffix generally indicates: * **W2CE**: The base series/model family. * **1A2**: Specific port configuration (e.g., Single-mode vs Multi-mode fiber or specific voltage input). * **R2**: Revision number or specific rack-mount housing style. * **Q**: Often denotes "Quality" or "Certified" (e.g., specific testing reports or compliance certifications like UL/CE included). --- ### 4. Typical Applications * **Industrial Networking**: Extending Ethernet distances beyond 100 meters using fiber optics. * **Noise Immunity**: Using the "Q" certified isolation to prevent electromagnetic interference (EMI) in factory environments. * **System Integration**: Connecting legacy serial devices to modern Ethernet backbones.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your W2CE-1A2-R2/Q unit?
    • ⤷ Do you need the wiring diagram for the terminal connections?
    • ⤷ Are you troubleshooting a specific communication failure with this part?