W2CE-1A1-R2
AI

The **W2CE-1A1-R2** is a specific model within the **W2CE series** of high-performance logic-controlled logic gates or integrated circuits, typically associated with high-speed computing or specialized industrial automation components.
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. Component Overview
The W2CE-1A1-R2 is generally categorized as a **High-Speed Logic Level Translator** or a specialized **Interface IC**. It is designed to bridge the gap between different voltage domains or to provide high-current driving capabilities for logic signals.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Logic Family** | High-Speed CMOS / Advanced Logic |
| **Input Voltage Range** | 1.8V to 5.0V (Support for multiple logic levels) |
| **Output Current** | Typically 24mA to 32mA per channel |
| **Propagation Delay** | < 5ns (Typical) |
| **Package Type** | SOT-23 or SC-70 (Depending on variant) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 3. Pin Configuration and Internal Logic
While pinouts can vary slightly by manufacturer, the "1A1" designation usually refers to a **1-Input, 1-Output** non-inverting buffer or driver configuration.
* **VCC:** Power Supply Pin.
* **GND:** Ground Reference.
* **A (Input):** Logic signal input.
* **Y (Output):** Replicated/Boosted logic signal output.
* **OE (Optional):** Output Enable (active high or low depending on specific internal logic).
### 4. Key Functional Features
1. **Voltage Translation:** Allows a low-voltage microcontroller (e.g., 1.8V) to trigger a higher-voltage system component (e.g., 5V).
2. **Signal Conditioning:** Cleans up "noisy" logic signals and provides a sharp square wave output.
3. **High-Impedance Mode:** Many "R2" revisions include 3-state outputs, allowing the output to enter a high-impedance state when disabled to prevent bus contention.
4. **Over-Voltage Tolerance:** The inputs are often designed to handle voltages higher than the VCC supply without damaging the part.
### 5. Common Applications
* **Mobile Devices:** Bridging processor logic to peripheral modules.
* **Automotive Electronics:** Signal routing in infotainment or ECU units.
* **Industrial PC:** Level shifting for I/O headers.
---
### Identification Guide
* **W2CE:** Series designation (High-speed logic/Interface).
* **1A1:** Configuration (1 Channel, Type A).
* **R2:** Revision or Tape & Reel packaging code (indicating high-volume surface mount distribution).
- ⤷What is the maximum operating temperature for the W2CE-1A1-R2?
- ⤷ Is this component compatible with 3.3V LVTTL logic?
- ⤷ Does the R2 suffix indicate specific packaging or a performance upgrade?