W2CE-13B-R/N
AI

The **W2CE-13B-R/N** is a specialized electronic component, specifically a **Coaxial RF Switch** (Transfer Switch) typically manufactured by companies like **Radiall**. These switches are designed for high-reliability applications where routing high-frequency signals is critical.
---
## Technical Specifications Overview
The "W2CE" series generally belongs to the subminiature or miniature electromechanical switch category. Below is a breakdown of its primary electronic and physical characteristics:
### 1. General Characteristics
| Feature | Description |
| :--- | :--- |
| **Switch Type** | Transfer (Double Pole Double Throw - DPDT) |
| **Actuator Type** | Latching (Self-biasing or pulse-operated) |
| **Frequency Range** | Typically DC up to 18 GHz or 26.5 GHz (depending on specific model variant) |
| **Connector Type** | SMA Female |
| **Contact Material** | Gold plated for low loss and high reliability |
### 2. Electrical Performance
* **Impedance:** 50 Ohms (Standard for RF/Microwave).
* **Insertion Loss:** Very low (typically <0.5 dB at high frequencies).
* **Isolation:** High signal separation (typically >60 dB).
* **Voltage Supply:** The "13" in the part number often indicates a **12V to 15V DC** coil voltage requirement.
* **Current Consumption:** Measured in milliamps (mA) required to toggle the switch.
### 3. Actuation: Latching vs. Failsafe
The "R/N" designation often refers to the internal circuitry:
* **Latching:** The switch stays in its last commanded position even after power is removed. It requires a pulse to change state.
* **Internal Terminations:** Some models include internal resistors to terminate unused ports, preventing signal reflection (though this depends on the exact sub-suffix).
---
## Part Number Breakdown (Typical)
While manufacturers use proprietary codes, the W2CE-13B sequence generally follows this logic:
| Code Segment | Meaning |
| :--- | :--- |
| **W2** | Series designation (Transfer Switch) |
| **C** | SMA Connectors |
| **E** | Actuator Type (e.g., Latching with specific electronic options) |
| **13** | Actuator Voltage (approx. 12-15 VDC) |
| **B** | Frequency range (up to 18 GHz) |
| **R/N** | Specific electronic features (e.g., TTL compatibility or specific Indicator circuitry) |
---
## Common Applications
1. **Test and Measurement:** Used in automated test equipment (ATE) to switch between different signal sources or devices under test (DUT).
2. **Telecommunications:** Signal routing in base stations or satellite ground equipment.
3. **Redundancy Switching:** Automatically switching to a backup signal path if the primary path fails.
4. **Signal Reversal:** Using the transfer configuration to reverse the phase or path of a signal in a circuit.
---
- ⤷What is the difference between a latching and a failsafe RF switch?
- ⤷ How does the insertion loss of this switch affect signal integrity at 18 GHz?
- ⤷ What are the power handling capabilities (Watts) for the W2CE series?