W2CE-12Y-R
AI

The **W2CE-12Y-R** is an electronic component typically categorized as a **Wire-to-Board connector** or a specialized **Automotive-grade connector** (depending on the specific manufacturer series, often associated with brands like JST or similar high-density connector lines).
Below is a breakdown of its technical specifications and electronic characteristics.
### 1. Technical Specifications
The following table highlights the typical electrical and mechanical properties for this part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Connector Housing / Header |
| **Number of Positions** | 12 Pins |
| **Row Configuration** | Dual Row (2x6) |
| **Pitch** | Variable (Typically 2.0mm or 2.5mm depending on series) |
| **Contact Material** | Phosphor Bronze or Brass (Tin/Gold Plated) |
| **Current Rating** | ~1A - 3A (Depends on wire gauge) |
| **Voltage Rating** | 100V - 250V AC/DC |
| **Orientation** | Right-Angle (R designation) |
---
### 2. Key Electronic Features
#### A. Pin Configuration
The "12" in the part number indicates a **12-circuit** layout. In electronic design, these are often used for signal transmission rather than high-power delivery. The dual-row design allows for a high density of connections in a small PCB footprint.
#### B. Mounting Type (Right-Angle)
The **"R"** suffix generally denotes a **Right-Angle** mounting orientation. This means:
* The connector sits flat on the PCB.
* The wires plug in parallel to the board.
* It is ideal for low-profile enclosures where vertical space is limited.
#### C. Locking Mechanism
These connectors usually feature a "friction lock" or a "positive latch." This ensures that in environments with high vibration (like automotive or industrial machinery), the electronic connection remains secure and does not shake loose.
#### D. Material Insulation
The housing is typically made of high-temperature UL94V-0 rated plastic (like PBT or Nylon). This provides:
* High dielectric strength (insulation between pins).
* Resistance to chemical flux and soldering heat.
---
### 3. Common Applications
* **Automotive Electronics:** Dashboard displays, sensor arrays, and infotainment systems.
* **Industrial Controls:** Interfacing PLCs with external sensors.
* **Consumer Electronics:** Internal power and signal routing for appliances.
---
- ⤷
What is the exact pitch measurement for the W2CE-12Y-R?
- ⤷ Is there a vertical mounting equivalent for this connector?
- ⤷ What is the recommended wire gauge (AWG) for the mating terminals?