W2CE-12D-R/Q
AI

The **W2CE-12D-R/Q** is a high-performance, dual-channel, isolated gate driver module. These components are primarily used in power electronics to bridge the gap between low-power control signals (from a Microcontroller or DSP) and high-power switches like IGBTs or MOSFETs.
---
### 1. Key Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Input Voltage (Vcc)** | 12V DC (Nominal) | Power supply required for the driver circuitry. |
| **Output Current** | Peak values (e.g., ±4A to ±8A) | Capability to charge/discharge gate capacitance quickly. |
| **Isolation Voltage** | ~2500V - 3000V AC | Galvanic isolation between primary and secondary sides. |
| **Channels** | 2 (Dual Channel) | Can drive two switches (e.g., Half-Bridge configuration). |
| **Mounting Type** | PCB Through-hole / Plug-in | Designed for secure mounting on power boards. |
---
### 2. Functional Electronic Components
Inside this module, several critical electronic stages work together:
* **Optocoupler/Magnetic Isolator:** Ensures that high-voltage spikes on the power side do not travel back to and destroy the controller.
* **DC-DC Converter:** Often integrated to provide isolated "floating" power to the secondary side, allowing the high-side switch to be triggered correctly.
* **Push-Pull Output Stage:** Uses a pair of transistors to rapidly pull the gate voltage up (turn ON) or down (turn OFF).
* **Protection Circuitry:** Includes **Desaturation Protection (DESAT)** to detect short circuits and **Under-Voltage Lockout (UVLO)** to prevent the switch from operating in a linear, overheating state.
---
### 3. Pinout Logic and Application
The device typically follows a standard interface for industrial power modules:
#### Input Side (Primary)
* **PWM A / PWM B:** Logic level signals (3.3V or 5V).
* **VCC/GND:** Power for the internal logic.
* **Fault Output:** A signal sent back to the MCU if a failure is detected.
#### Output Side (Secondary)
* **Gate (G):** Connects to the IGBT/MOSFET gate.
* **Emitter/Source (E/S):** Connects to the reference point of the switch.
* **V+ / V-:** Isolated supply rails for driving the gate (often +15V/-8V for robust IGBT control).
---
### 4. Typical Use Cases
1. **Variable Frequency Drives (VFDs):** Controlling 3-phase AC motors.
2. **Uninterruptible Power Supplies (UPS):** High-speed switching for DC-AC inversion.
3. **Solar Inverters:** Converting DC from panels to Grid AC.
4. **Induction Heating:** High-frequency power oscillation.
---
- ⤷
What is the maximum switching frequency supported by the W2CE-12D-R/Q?
- ⤷ Does this module support negative gate drive voltages for faster turn-off?
- ⤷ How do I calculate the gate resistor value for this specific driver?