W2CE-12A-R2/CE
AI

The **W2CE-12A-R2/CE** is a specialized cooling component, specifically an AC axial fan manufactured by **Sanyo Denki** (San Ace series). This part is designed for high-performance thermal management in industrial equipment.
---
## Technical Specifications
The following table outlines the primary electronic and mechanical characteristics of the W2CE-12A-R2/CE.
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Sanyo Denki (San Ace) |
| **Rated Voltage** | 100 / 110 / 115 / 120 V AC |
| **Frequency** | 50 / 60 Hz |
| **Input Power** | 13W to 16W (depending on frequency) |
| **Speed** | 2,700 to 3,100 RPM |
| **Air Flow** | ~2.5 to 3.0 m³/min (approx. 88-106 CFM) |
| **Static Pressure** | 62 to 84 Pa |
| **Sound Pressure** | 42 to 46 dB(A) |
| **Bearing Type** | Dual Ball Bearing |
| **Operating Temp** | -30°C to +70°C |
---
## Key Electronic Components & Features
### 1. The AC Induction Motor
Unlike DC fans that use brushless electronic commutation (BLDC), this model utilizes a **shaded-pole or capacitor-run induction motor**.
* **Winding:** High-quality copper coils designed to handle the 100-120V AC input.
* **Thermal Protection:** Includes impedance protection or a thermal cutout to prevent the motor from burning out if the rotor is locked (impedance protected).
### 2. Lead Wire Interface
The "R2" suffix typically denotes the specific wiring configuration.
* **Voltage Rails:** Usually features two lead wires for AC power input.
* **Insulation:** Rated for high temperatures, ensuring the electronic integrity of the power supply path under continuous load.
### 3. Frame and Impeller Material
* **Frame:** Aluminum die-cast. This acts as a heat sink for the internal motor windings, extending the electronic life of the component.
* **Impeller:** Non-flammable black plastic (UL 94V-0 rated).
---
## Part Number Breakdown
| Segment | Description |
| :--- | :--- |
| **W2** | Frame size (Side length, typically 120mm) |
| **CE** | Series identifier (San Ace 120) |
| **12** | Voltage class (100V - 120V AC range) |
| **A** | Performance / Speed code |
| **R2** | Lead wire and mounting hole variation |
| **CE** | European safety standard compliance mark |
---
## Application Use Cases
Due to its robust electronic design, this fan is commonly used in:
* **Server Racks:** Continuous cooling of high-density electronics.
* **Industrial Control Panels:** Heat dissipation for PLCs and Inverters.
* **Medical Equipment:** Reliable airflow for sensitive diagnostic tools.
- ⤷
What is the difference between the R2 and standard wiring configurations for this model?
- ⤷ Does this fan require an external capacitor for operation?
- ⤷ What are the specific safety certifications (UL
- ⤷ TUV) associated with the CE suffix?