AI

The **W2CE-11Y-R/N** is a specific model of an **Illuminated Push Button Switch**, typically used in industrial control panels, automation systems, and machinery interfaces. It is characterized by its compact design, color coding, and electrical ratings.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | W2CE-11Y-R/N |
| **Switch Type** | Momentary Push Button |
| **Contact Configuration** | 1NO + 1NC (1 Normally Open + 1 Normally Closed) |
| **Illumination** | LED Integrated |
| **Color** | Red (R) or Yellow (Y) depending on specific suffix variants |
| **Voltage Rating** | Typically 12V to 24V DC/AC (Model specific) |
| **Mounting Diameter** | 22mm (Standard industrial size) |
---
### 2. Breakdown of the Part Number Components
The alphanumeric code provides specific details about the component's architecture:
* **W2 Series:** Refers to the physical series/body style, often signifying a 22mm mounting diameter which is a global standard for industrial panels.
* **CE:** Usually indicates the contact block type or a specific environmental certification (such as CE marking for European safety standards).
* **11:** Represents the contact arrangement. "11" typically denotes **1 NO** and **1 NC** contact.
* **Y:** Often indicates the shape or mounting style (e.g., Round or Flush).
* **R/N:**
* **R:** Generally stands for **Red**, indicating the color of the actuator or the LED.
* **N:** Can denote a specific terminal type (like Screw Terminals) or a Neon/LED lamp type.
---
### 3. Key Electronic Components
Inside this unit, there are three primary electronic/mechanical parts:
1. **The Actuator:** The physical button that the operator presses. In the "R" variant, this is a translucent red cap designed to disperse light from the internal LED.
2. **The LED Module:** An integrated Light Emitting Diode. Unlike old incandescent bulbs, these are vibration-resistant and have a long lifespan (approx. 50,000+ hours).
3. **The Contact Block:** This is the electrical switch mechanism.
* The **NO (Normally Open)** circuit closes when the button is pressed.
* The **NC (Normally Closed)** circuit opens when the button is pressed.
---
### 4. Typical Application Circuit
The switch is often wired in a "Control Circuit" where the LED is powered separately from the load to indicate status.
```cpp
// Logic representation of the NO contact
if (Button_Pressed == TRUE) {
Motor_Relay = ON;
Status_LED = ON;
} else {
Motor_Relay = OFF;
Status_LED = OFF;
}
```
---
- ⤷
What is the maximum current rating for the W2CE-11Y contacts?
- ⤷ How do I wire the LED separately from the switch contacts?
- ⤷ Is this switch rated for outdoor use (IP65/IP67)?