AI

The **W2CA-5DB-R2/CE** is a high-performance, dual-band Wi-Fi and Bluetooth 5.0 module manufactured by **SparkLAN**. It is designed for industrial-grade wireless connectivity, utilizing the **Realtek RTL8822CE** chipset.
Below is a detailed breakdown of its electronic components, specifications, and architecture.
---
## 1. Technical Specifications
This module follows the **M.2 2230 (A-E Key)** form factor, making it compatible with modern embedded systems and industrial PCs.
| Feature | Specification |
| :--- | :--- |
| **Chipset** | Realtek RTL8822CE |
| **Wireless Standard** | IEEE 802.11ac/a/b/g/n (Wi-Fi 5) |
| **Bluetooth Standard** | Bluetooth 5.0 (Downward compatible) |
| **Interface (Wi-Fi)** | PCI Express (PCIe) |
| **Interface (BT)** | USB |
| **Antenna Design** | 2 x IPEX MHF4 connectors (2T2R) |
| **Operating Voltage** | 3.3V ± 5% |
| **Temperature Range** | -20°C to +70°C (Commercial/Industrial use) |
---
## 2. Key Electronic Components
### A. The Core IC: Realtek RTL8822CE
The heart of the module is a highly integrated single-chip that combines a Wireless LAN (WLAN) and a Bluetooth (BT) controller.
* **MIMO Technology:** Supports 2-Transmit 2-Receive (2T2R) Multi-Input Multi-Output, allowing for a theoretical PHY rate of up to **867Mbps**.
* **Beamforming:** Enhances signal strength by directing the radio signal toward the receiving device.
### B. RF Front-End
* **Diplexers:** Used to separate the 2.4GHz and 5GHz signals, allowing the dual-band functionality to operate through the same antenna ports.
* **Power Amplifiers (PA):** Boost the signal for transmission to achieve a stable range.
* **Low Noise Amplifiers (LNA):** Improve the sensitivity of the receiver to capture weak signals.
### C. Power Management
* **Voltage Regulators:** The module converts the 3.3V input from the M.2 slot to the internal lower voltages (typically 1.1V and 1.8V) required by the RTL8822CE silicon.
---
## 3. Physical Architecture (Pinout & Form Factor)
The module utilizes the **M.2 2230-S3-A-E** mechanical standard.
* **Key A and E:** These notches in the gold finger connector ensure the module is only inserted into compatible sockets (typically reserved for wireless connectivity).
* **Antenna Connectors:** It uses two **MHF4** connectors, which are smaller than the traditional U.FL connectors, saving space on the PCB.
---
## 4. Software and Driver Integration
The electronic hardware requires specific firmware and drivers to communicate with the host operating system:
```bash
# Example: Checking for the device in a Linux environment
lspci -nn | grep Network
# Expected output: Realtek Semiconductor Co., Ltd. RTL8822CE 802.11ac PCIe Wireless Network Adapter
```
### Supported Operating Systems:
1. **Windows:** 7, 8.1, 10, 11 (32/64-bit).
2. **Linux:** Supported via `rtw88` kernel driver.
3. **Android:** Driver support available for embedded ARM platforms.
---
- ⤷
What are the power consumption profiles for this module during active transmission?
- ⤷ How does the 2T2R MIMO technology improve performance in high-interference environments?
- ⤷ Is there an industrial temperature version (-40°C to 85°C) available for this specific chipset?