W2CA-5B3-R2/N
AI

The **W2CA-5B3-R2/N** is a specific model within the category of **Current Transducers (Current-to-Voltage/Current Transmitters)**, typically manufactured by companies like **M-System (MG CO., LTD.)**. These components are essential in industrial automation for signal conditioning and monitoring.
---
### 1. Technical Specifications
The model string identifies specific electrical characteristics. Below is a breakdown of what these parts typically represent in this series:
| Parameter | Specification |
| :--- | :--- |
| **Primary Function** | AC Current Transmitter (Current Transducer) |
| **Input Type** | AC Current (Usually 0–5A AC from a CT) |
| **Input Range (5B)** | 0 – 5A AC |
| **Output Type (3)** | 0 – 1V DC |
| **Power Input (R2)** | 11 – 27V DC |
| **Accuracy** | ±0.3% to ±0.5% |
| **Response Time** | ≤ 0.5 seconds |
| **Isolation** | Input to output to power (3-way isolation) |
---
### 2. Key Electronic Components & Internal Logic
This device acts as a bridge between high-current power lines and sensitive control systems (like PLCs). Its internal electronics consist of three main stages:
#### A. Input Stage (Sensing)
* **Current Transformer (Internal):** The 5A AC input is stepped down and isolated using an internal precision transformer.
* **Rectification & Filtering:** The AC signal is converted into a proportional DC voltage via a bridge rectifier and smoothing capacitors.
#### B. Signal Conditioning Stage
* **Operational Amplifiers (Op-Amps):** These scale the rectified DC voltage to the desired output range (0–1V).
* **Calibration Potentiometers:** Small "Zero" and "Span" adjustments are available on the front panel to fine-tune the output signal.
#### C. Isolation & Output Stage
* **Optical/Galvanic Isolation:** To protect the PLC or SCADA system from high-voltage surges, the signal is passed through an isolator.
* **Driver Circuit:** Ensures the output signal (0-1V) remains stable even with varying load resistance.
---
### 3. Application Use Cases
* **Motor Monitoring:** Detecting if a motor is overloaded by measuring the current draw.
* **Energy Management:** Sending current data to a data logger to calculate power consumption.
* **System Protection:** Interfacing with a controller to shut down equipment if current exceeds a threshold.
---
### 4. Wiring Diagram Overview
While you should always consult the specific datasheet for your unit, the standard pinout for this 8-pin plug-in base typically follows:
1. **Pin 1 & 8:** Output (+ / -)
2. **Pin 4 & 5:** Input (AC Current from CT)
3. **Pin 2 & 7:** Power Supply (DC)
---
- ⤷
What is the difference between the R2 and R power supply options for this series?
- ⤷ Can this transducer be used directly with a 100A line without an external CT?
- ⤷ How do I calibrate the 'Zero' and 'Span' settings on the W2CA?