công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CA-5AD-R

  • AI
    The **W2CA-5AD-R** is a specific model of an **Electronic Safety Door Switch** (or Tongue Switch) typically manufactured by brands like **Omron** (specifically within the W2CA series). These components are critical for industrial automation and machine guarding. Below is a breakdown of the electronic and physical characteristics of this part. --- ### 1. Technical Specifications The W2CA-5AD-R is designed to detect the opening/closing of safety gates or machine covers. | Feature | Specification | | :--- | :--- | | **Contact Configuration** | 2NC/1NO (Typically) | | **Rated Voltage** | 240V AC / 125V DC | | **Rated Current** | 10A (Thermal) | | **Actuator Type** | Right-angle / Flexible / Adjustable (depending on sub-type) | | **Material** | Heavy-duty plastic or die-cast metal housing | | **Operation** | Positive Force Opening (Safety Contacts) | --- ### 2. Key Electronic Components & Operation The "Electronic" functionality of the switch relies on mechanical-to-electrical transduction to ensure safety. * **Positive Opening Mechanism:** Unlike standard switches, safety switches like the W2CA-5AD-R use a "Direct Opening Action." If the contacts weld together due to a short circuit, the physical force of pulling the key out is designed to break the circuit regardless. * **Dual Circuit Logic:** It often features dual contacts (NC - Normally Closed). This allows the safety relay to monitor for faults; if one circuit fails while the other functions, the system triggers an emergency stop. * **Insulation & Durability:** The internal switches are housed in reinforced casing to prevent electrical arcing and are rated for high vibration environments common in factories. --- ### 3. Part Number Breakdown The suffix **"5AD-R"** provides specific details about the physical and electrical assembly: 1. **5 (Conduit Size):** Usually indicates the size of the wiring entry (e.g., G1/2 or M20). 2. **A (Contact Form):** Refers to the internal contact arrangement (e.g., 1NC/1NO or 2NC). 3. **D (Direction/Design):** Specifies the head direction or mounting style. 4. **R (Red):** Typically signifies the color of the housing, identifying it as a dedicated safety device. --- ### 4. Application in Circuits In a standard industrial setup, the W2CA-5AD-R is wired into a **Safety Relay** or a **Safety PLC**. ```mermaid graph LR A[Power Supply] --> B[W2CA-5AD-R Switch] B --> C[Safety Relay] C --> D[Motor Contactor] D --> E[Machine Stop] ``` * **Closed State:** The actuator (key) is inserted, the circuit is complete, and the machine can run. * **Open State:** The key is removed, the NC contacts snap open, and the Safety Relay cuts power to the motor instantly. ---
    ✨ Follow-up Questions
    • ⤷ What are the different actuator key types available for the W2CA series?
    • ⤷ How do you wire a 2NC contact configuration to a safety relay?
    • ⤷ What is the difference between the plastic and metal housing versions of this switch?