công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CA-5A2-R2

  • AI
    The **W2CA-5A2-R2** is a high-performance **Analog Current Signal Converter** (often referred to as a transducer or signal conditioner). It is designed to take an AC current input and convert it into a standardized DC voltage or current output for industrial monitoring and control systems. --- ### 1. Technical Specifications The following table summarizes the key electrical characteristics of the W2CA-5A2-R2: | Feature | Specification | | :--- | :--- | | **Input Type** | AC Current (0 to 5A AC) | | **Output Type** | DC Voltage (0 to 2V DC) | | **Power Supply** | 100 - 120V AC (50/60 Hz) | | **Accuracy** | ±0.5% of Full Scale | | **Response Time** | ≤ 0.5 seconds | | **Isolation** | 2000V AC between input/output/power/case | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Internal Electronic Architecture The device consists of several critical stages to ensure precise signal conversion: 1. **Input Transformer Stage:** The 0-5A AC current enters a high-precision internal transformer. This provides galvanic isolation and steps down the current for electronic processing. 2. **Rectification & Filtering:** The AC signal is converted to DC via a precision rectifier circuit. Capacitors filter the ripple to ensure a smooth DC waveform. 3. **Linear Amplification:** Operational amplifiers (Op-Amps) scale the rectified signal. This ensures that the relationship between the 5A input and the 2V output remains strictly linear. 4. **Isolation Barrier:** Optical or magnetic isolators prevent electrical noise or surges from passing between the high-current input side and the low-voltage output side. 5. **Output Driver:** A final output stage stabilizes the 0-2V DC signal, allowing it to be transmitted to a PLC (Programmable Logic Controller) or data logger without significant voltage drop. --- ### 3. Connection Pinout Below is a typical wiring representation for this class of converter: ```text [ Power Supply ] [ Input Signal ] [ Output Signal ] Pin 1: L (+) Pin 5: k (S1) Pin 9: (+) Pin 2: N (-) Pin 6: l (S2) Pin 10: (-) ``` --- ### 4. Common Applications * **Motor Load Monitoring:** Monitoring the current draw of an industrial motor to detect mechanical jams or overloads. * **PLC Integration:** Converting high AC currents from a CT (Current Transformer) into a low-voltage DC signal that a PLC analog input card can read. * **Energy Management:** Collecting data on machine power consumption for efficiency analysis.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R1 and R2 suffixes for this series?
    • ⤷ How do I calibrate the zero and span on this device?
    • ⤷ Can I use this device with a 4-20mA input instead of 5A AC?