W2CA-52D-R2
AI

The **W2CA-52D-R2** is a specific part number typically associated with high-performance **Interconnect and Connector assemblies**, often used in industrial automation or telecommunications equipment. Specifically, it often refers to a high-density, high-speed connector or cable assembly manufactured by companies like **Hirose** or similar precision electronic component manufacturers.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic and physical characteristics of this part series:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | High-speed, high-density mezzanine or cable-to-board connector |
| **Circuit Count** | Typically configured for 52 contacts (as implied by the "52D" suffix) |
| **Termination Style** | SMT (Surface Mount Technology) or Press-fit |
| **Pitch/Spacing** | Micro-pitch (often 0.5mm or 0.8mm) |
| **Current Rating** | 0.3A to 0.5A per pin (Signal level) |
| **Contact Plating** | Gold over Nickel (for low resistance and corrosion protection) |
| **Impedance Control** | 50Ω single-ended / 100Ω differential pairs |
---
### 2. Functional Electronic Components
The "R2" designation often refers to a specific revision or a "Reel" packaging variant. The internal construction includes:
* **Phosphor Bronze Contacts:** Used for their excellent spring properties and electrical conductivity.
* **LCP (Liquid Crystal Polymer) Housing:** A high-temperature plastic that allows the part to withstand lead-free reflow soldering processes.
* **EMI Shielding:** Many parts in this series feature integrated ground plates to minimize crosstalk and electromagnetic interference in high-speed data paths.
---
### 3. Common Applications
Due to its high density and signal integrity features, the W2CA-52D-R2 is commonly found in:
1. **FPGA Development Boards:** Connecting core modules to peripheral daughterboards.
2. **Network Switches:** Handling high-speed data transmission between line cards and backplanes.
3. **Medical Imaging:** Used in MRI or ultrasound equipment where space is limited but signal fidelity is critical.
4. **Industrial Servers:** Blade server interconnects.
---
### 4. Mounting and Handling
* **Soldering:** Should be performed according to JEDEC standards for lead-free reflow.
* **Mating:** These connectors usually have a high insertion force; precise alignment is required to prevent pin deformation.
* **ESD Sensitivity:** While the connector itself is passive, its connection to sensitive ICs requires standard Electrostatic Discharge (ESD) protocols during installation.
- ⤷What is the exact pitch measurement for the W2CA-52D-R2?
- ⤷ Are there compatible alternative manufacturers for this connector?
- ⤷ What is the recommended reflow soldering profile for LCP housing components?