công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CA-522-R2/

  • AI
    The **W2CA-522-R2** is a specialized electronic component, typically categorized as a **Limit Switch (or Micro Switch) Contact Block** manufactured by brands like Omron. It is primarily used in industrial automation for sensing and safety circuits. Below is a detailed technical breakdown of its electronic and mechanical parts. --- ## 1. Technical Specifications This part functions as the "heart" of the switch assembly, responsible for the electrical switching action when the mechanical actuator is triggered. | Feature | Specification | | :--- | :--- | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Contact Form** | 1 NO (Normally Open) + 1 NC (Normally Closed) | | **Rated Voltage** | Typically 250VAC / 125VDC | | **Current Rating** | ~10A (Resistive) | | **Terminal Type** | Screw Terminals (typically R2 variant) | | **Operation Type** | Snap-action | --- ## 2. Internal Electronic & Mechanical Components The W2CA-522-R2 consists of several critical sub-parts that ensure reliable electrical switching: ### A. Contact Points * **Material:** Usually Silver (Ag) or Silver Alloy. Silver provides high conductivity and resists oxidation during high-frequency switching. * **Bifurcated Design:** Often features twin contacts to ensure electrical continuity even if one point is slightly obstructed by dust. ### B. The Spring Mechanism (Snap Action) * **Beryllium Copper Leaf Spring:** Used to provide the tension for the "snap" action. This ensures that the transition between NC and NO happens instantly, regardless of the speed at which the external plunger moves. * **Function:** Prevents "arcing" (electrical sparks) by ensuring the contacts don't linger in a halfway state. ### C. Housing (Insulator) * **Material:** Phenolic resin or high-grade PBT (Polybutylene terephthalate) plastic. * **Purpose:** High dielectric strength to prevent short-circuiting between the terminals and the outer metal casing of the limit switch. ### D. Terminal Block (R2 Designation) * **Wiring Interface:** The "R2" suffix often denotes the specific arrangement of the terminal screws. * **Connectors:** Zinc-plated or Brass screws intended for ring or fork crimp lugs. --- ## 3. Circuit Logic Diagram The internal wiring logic follows the standard SPDT format: ```text [ COM ] (Common) | /-----+-----\ | | [ NC ] [ NO ] (Normally (Normally Closed) Open) ``` 1. **Rest State:** COM is connected to NC. 2. **Actuated State:** The internal spring flips the lever; COM disconnects from NC and connects to NO. --- ## 4. Maintenance and Failure Points * **Contact Pitting:** Over time, switching inductive loads (like motors) causes small arcs that pit the silver contacts, increasing resistance. * **Spring Fatigue:** After millions of cycles, the internal leaf spring may lose tension, leading to "chatter" or failure to return to the rest position.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the W2CA-522-R2?
    • ⤷ Can this part be used in DC circuits with high inductive loads?
    • ⤷ What are the mounting torque requirements for the R2 screw terminals?