công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CA-1CB-R2

  • AI
    The **W2CA-1CB-R2** is a specialized electronic component, typically classified as a **Fiber Optic Sensing Head** or part of a photoelectric sensor system (often associated with brands like Omron or similar industrial automation manufacturers). It is designed to detect objects in environments where standard sensors might fail due to space constraints or high temperatures. --- ### 1. Technical Specifications The following table highlights the core physical and electrical characteristics of the W2CA-1CB-R2. | Feature | Description | | :--- | :--- | | **Component Type** | Fiber Optic Sensor Head | | **Sensing Method** | Diffuse Reflective (Standard) | | **Fiber Material** | Plastic (often PMMA) | | **Connection Style** | Pre-wired (typically R2 indicates a 2-meter cable) | | **Bend Radius** | High flexibility (R1 to R4 classification) | | **Environmental Rating** | IP67 (Dust-tight and water immersion) | --- ### 2. Key Electronic Features #### A. Sensing Mechanism This part acts as the "eyes" of a sensor system. It does not contain an internal power supply; instead, it guides light from an external **Fiber Amplifier Unit** (like an E3X series). * **Emitter:** One fiber channel carries the light signal (LED or Laser). * **Receiver:** The second fiber channel carries the reflected light back to the amplifier. #### B. Cable Flexibility (The "R2" suffix) The "R" in the model name usually signifies a **flexible/break-resistant** fiber. * **R2:** Denotes a 2-meter cable length. * The fiber core is designed to withstand repeated bending, making it ideal for installation on moving robotic arms or pick-and-place machinery. #### C. Optical Fiber Core The W2CA series often utilizes a multi-core or high-transmission core to ensure that the light signal remains stable even if the cable is coiled or slightly twisted. --- ### 3. Application Use-Cases 1. **Miniature Parts Detection:** Due to the small diameter of the sensor head, it can detect electronic components on a PCB assembly line. 2. **Confined Spaces:** Used where a standard barrel-style photoelectric sensor is too large to fit. 3. **Vibration Resistance:** The lightweight nature of the fiber head prevents it from vibrating loose in high-speed mechanical environments. --- ### 4. Comparison: Diffuse vs. Through-beam The W2CA-1CB-R2 is generally a **Diffuse** type. Here is how it compares to the alternative "Through-beam" style: | Aspect | Diffuse (W2CA-1CB) | Through-beam | | :--- | :--- | :--- | | **Housing** | Single head with two fibers | Two separate heads | | **Target Requirement** | Target must reflect light | Target must block light | | **Wiring** | Simpler (One side only) | Complex (Two sides) |
    ✨ Follow-up Questions
    • ⤷ What are the compatible amplifier units for the W2CA-1CB-R2?
    • ⤷ How does the 'Diffuse Reflective' sensing distance change with target color?
    • ⤷ What is the maximum temperature rating for this fiber sensor?