W2CA-1BA-R
AI

The **W2CA-1BA-R** is a specific model of an **Industrial Limit Switch** (or Position Switch) manufactured by Omron. These components are used in automation to detect the physical presence or position of an object through mechanical contact.
---
### 1. Key Technical Specifications
The model number defines the electrical and physical characteristics of the unit:
| Feature | Specification |
| :--- | :--- |
| **Actuator Type** | Roller Lever (adjustable) |
| **Contact Form** | SPDT (Single Pole Double Throw) |
| **Switching Capacity** | 10A at 125/250 VAC |
| **Environmental Rating** | IP67 (Waterproof and Dustproof) |
| **Terminal Type** | Screw Terminals (Lead-free) |
| **Operating Temperature** | -10°C to +80°C |
---
### 2. Electronic/Internal Components
The W2CA-1BA-R is comprised of several critical internal parts that manage the electrical signal:
#### A. Microswitch Mechanism
The heart of the device is a high-precision snap-action switch. When the external lever is pushed, an internal plunger compresses a spring that "snaps" the contacts from a **Normally Closed (NC)** state to a **Normally Open (NO)** state.
#### B. Contact Material
The contacts are typically made of **Silver (Ag)** or a silver alloy. This ensures:
* Low electrical resistance.
* Resistance to "arcing" (sparks) when switching inductive loads like motors or solenoids.
#### C. Terminal Block
Inside the rugged housing, there are three main screw terminals:
1. **COM (Common):** The input line.
2. **NC (Normally Closed):** Connected to COM when the lever is at rest.
3. **NO (Normally Open):** Connected to COM only when the lever is actuated.
---
### 3. Wiring Diagram Concept
To use this part in an electronic circuit, the wiring typically follows this logic:
```mermaid
graph LR
A[Power Source] --> B(Common Terminal)
B -- Default Path --C[NC Terminal/Stop Circuit]
B -- Actuated Path --D[NO Terminal/Start Circuit]
```
### 4. Common Applications
* **Conveyor Belts:** Detecting when a box has reached a certain point.
* **Safety Interlocks:** Ensuring a machine door is closed before power is applied.
* **Robotics:** Defining the "Home" position or physical limits of a robotic arm.
---
- ⤷What is the difference between a roller lever and a plunger actuator in these switches?
- ⤷ How do I wire this switch to a PLC?
- ⤷ What is the mechanical life expectancy of the W2CA-1BA-R?