W2CA-1AD-R2
AI

The **W2CA-1AD-R2** is a high-performance **Signal Conditioner (Isolator)** manufactured by Watanabe Electric Industry. It is specifically designed to convert and isolate DC signals between industrial sensors and control systems (like PLCs or DCS).
---
## 1. Core Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Model Type** | Plug-in Signal Conditioner (Dual Output) |
| **Input Signal** | 4 to 20mA DC (or specified DC voltage/current) |
| **Output 1** | 4 to 20mA DC (Standard) |
| **Output 2** | 1 to 5V DC (Standard for R2 configuration) |
| **Power Supply** | 100-240V AC (Standard wide range) |
| **Accuracy** | ±0.1% of Full Scale |
| **Response Time** | Approx. 25ms (0 to 90%) |
| **Isolation** | 2000V AC between Input / Output 1 / Output 2 / Power |
---
## 2. Electronic Architecture
The device functions through three primary electronic stages:
### A. Input Stage
The input circuit features a low-impedance shunt (typically 250Ω for current loops) to convert the mA signal into a proportional voltage. It includes protection circuits to guard against surge and over-current scenarios.
### B. Isolation Barrier
This is the "Electronic Heart" of the part. It uses **Optical Isolation** or **Magnetic Transformer Isolation** to physically separate the input loop from the output loop.
- **Purpose:** Prevents ground loops, reduces electrical noise, and protects expensive PLC/DCS hardware from field-side electrical faults.
### C. Output Stage (Dual Channel)
The "R2" suffix signifies **Dual Output**.
1. **Channel 1:** Usually high-current drive for long-distance transmission.
2. **Channel 2:** Usually high-impedance voltage output for local monitoring or recording.
---
## 3. Physical Layout and Connectivity
```mermaid
graph LR
A[Field Sensor] -->|4-20mA| B(W2CA-1AD-R2)
B -->|Out 1| C[PLC/DCS]
B -->|Out 2| D[Digital Display/Logger]
```
### Key Components:
- **Zero/Span Adjustments:** Accessible via the front panel to calibrate the signal offset and gain.
- **Socket Base:** Uses an 11-pin or 8-pin plug-in base for easy maintenance (swapping the unit without rewiring).
- **LED Indicator:** Provides power status and diagnostic feedback.
---
## 4. Main Applications
* **Ground Loop Elimination:** Resolving potential differences between field instruments and the control room.
* **Signal Splitting:** Sending one sensor signal to two different devices (e.g., an HMI and a Safety Controller) simultaneously without interference.
* **Noise Filtering:** Smoothing out "dirty" industrial signals before they reach sensitive analog-to-digital converters.
- ⤷
What are the specific wiring pinouts for the W2CA-1AD-R2 base?
- ⤷ How do I perform a Zero/Span calibration on this specific model?
- ⤷ What is the difference between the R2 and the R1 versions of this signal conditioner?