W2CA-1AB-R2
AI

The **W2CA-1AB-R2** is a specialized wireless limit switch manufactured by **Omron**. It belongs to the W2CA series, designed to replace traditional wired limit switches in industrial environments where wiring is difficult, costly, or prone to failure due to movement.
---
### 1. General Specifications
The device acts as a wireless transmitter triggered by physical mechanical movement.
| Feature | Specification |
| :--- | :--- |
| **Model Number** | W2CA-1AB-R2 |
| **Wireless Frequency** | 2.4 GHz (Sub-band / ZigBee-based technology) |
| **Transmission Range** | Approx. 10m to 20m (Line of sight, environment dependent) |
| **Output Type** | Wireless signal to a dedicated receiver |
| **Power Source** | Internal Battery (Lithium) |
| **Protection Rating** | IP67 (Dust-tight and water-resistant) |
---
### 2. Electronic Components & Subsystems
The W2CA-1AB-R2 consists of four primary internal blocks:
#### A. The Mechanical Switch Interface
* **Trigger Mechanism:** Uses a micro-switch rated for high durability.
* **Contact Configuration:** Usually SPDT (Single Pole Double Throw), though it functions as a digital input for the logic board.
#### B. The Logic Controller (MCU)
* **Power Management:** Since it is battery-operated, the electronics remain in a "Deep Sleep" state. Power is only consumed during the millisecond the switch is toggled.
* **ID Encoding:** Every unit has a unique ID to prevent cross-talk between multiple switches in the same factory.
#### C. RF Module (Transmitter)
* **Antenna:** Typically an internal PCB antenna or a stubby external antenna.
* **Protocol:** Uses a proprietary low-power protocol on the 2.4GHz ISM band to ensure low latency and high reliability.
#### D. Power Supply Unit
* **Battery:** Often utilizes a long-life primary lithium battery (e.g., CR series or specialized industrial cells).
* **Energy Harvesting (Advanced versions):** Some variants in this series use the kinetic energy of the switch press to power the radio, though the -1AB-R2 is typically battery-powered.
---
### 3. Connection and Logic Flow
Because this is a wireless part, it does not have traditional terminal screws for load switching. Instead, the logic flows as follows:
1. **Input:** Mechanical force moves the lever.
2. **Conversion:** The internal electronic board converts the physical state to a data packet.
3. **Transmission:** The 2.4GHz radio sends the status (ON/OFF) + Device ID.
4. **Reception:** A separate **W2CA-R** receiver captures the signal and toggles a physical relay or transistor output for a PLC.
---
### 4. Application Use-Cases
* **Rotating Platforms:** Where wires would get tangled.
* **Remote Gates:** Where trenching for wires is too expensive.
* **Moving Tooling:** In CNC or assembly lines where cables suffer from "flex fatigue."
- ⤷
What is the typical battery life for the W2CA series under standard operation?
- ⤷ Which Omron receivers are compatible with the W2CA-1AB-R2?
- ⤷ How do you perform the 'Pairing' process between the transmitter and the receiver?