công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2CA-1A2-R2

  • AI
    The **W2CA-1A2-R2** is a specialized electronic component, typically categorized as a **Terminal Relay** or a **Relay Unit**, often manufactured by companies like Omron. It is designed for high-density mounting in automated systems, PLCs, and industrial control panels. ### 1. General Specifications This part acts as an interface between low-power control signals and high-power electrical loads. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Terminal Relay / Relay Board | | **Number of Points** | 2-point (indicated by "2" in the suffix) | | **Contact Form** | 1a (SPST-NO) per relay | | **Input Voltage** | Typically 24V DC (Common for R2 series) | | **Mounting** | DIN Rail or Screw Mounting | --- ### 2. Key Electronic Parts & Construction The unit is not just a single relay; it is an integrated assembly consisting of several sub-components: #### A. Electromagnetic Relays The core of the unit. These are the mechanical switches that open and close the circuit. * **Gold-clad contacts:** Often used to ensure high reliability even with small signal loads. * **Replaceable:** In many W2CA models, the individual relays can be unplugged and replaced if they reach their end-of-life. #### B. Protection Circuitry To protect the driving PLC or controller, the board includes: * **Surge Absorption (Diodes):** A flywheel diode is usually connected in parallel with the relay coil to absorb the counter-electromotive force generated when the coil is de-energized. * **LED Indicators:** Small surface-mount LEDs that light up when the coil is energized, allowing for easy visual troubleshooting. #### C. Terminal Interface * **Input Side:** Connects to the PLC output module. * **Output Side:** Features robust screw terminals to connect to the actual load (motors, solenoids, or heaters). --- ### 3. Technical Characteristics | Parameter | Value (Typical) | | :--- | :--- | | **Rated Load** | 5A at 250V AC / 5A at 30V DC | | **Mechanical Life** | 20,000,000 operations min. | | **Electrical Life** | 100,000 operations min. (at rated load) | | **Dielectric Strength** | 2,000V AC between coil and contacts | --- ### 4. Circuit Diagram Logic The "1A2" designation typically implies the configuration of the contacts. 1. **1A:** Refers to **1 Form A** (Normally Open). 2. **2:** Refers to the **Quantity** (2 independent relays on one base). ```text Input (24VDC) -> [Diode/LED] -> [Relay Coil] -> Switching Output (COM/NO) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2CA-1A2-R2 contacts?
    • ⤷ How do I replace an individual relay on this terminal unit?
    • ⤷ Does this model support both AC and DC input control signals?